Electronic Components Datasheet Search
  English  ▼

X  

PCM2900CDB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900CDB
Description  Single-Ended Analog Input/Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900CDB Datasheet(HTML) 4 Page - Texas Instruments

  PCM2900CDB Datasheet HTML 1Page - Texas Instruments PCM2900CDB Datasheet HTML 2Page - Texas Instruments PCM2900CDB Datasheet HTML 3Page - Texas Instruments PCM2900CDB Datasheet HTML 4Page - Texas Instruments PCM2900CDB Datasheet HTML 5Page - Texas Instruments PCM2900CDB Datasheet HTML 6Page - Texas Instruments PCM2900CDB Datasheet HTML 7Page - Texas Instruments PCM2900CDB Datasheet HTML 8Page - Texas Instruments PCM2900CDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
PCM2900C
PCM2902C
SBFS039
– SEPTEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, and 16-bit data, unless otherwise noted.
PCM2900C, PCM2902C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC CHARACTERISTICS
Resolution
8, 16
Bits
Audio data channel
1, 2
Channel
ADC Clock Frequency
fS
Sampling frequency
8, 11.025, 16, 22.05, 32, 44.1, 48
kHz
ADC DC Accuracy
% of
Gain mismatch, channel-to-channel
±1
±5
FSR
% of
Gain error
±2
±10
FSR
% of
Bipolar zero error
±0
FSR
ADC Dynamic Performance(1)
VIN = –1 dB
(2), V
CCCI = 3.67 V
0.01
0.02
%
THD+N
Total harmonic distortion plus noise
VIN = –1 dB
(3)
0.1
%
VIN = –60 dB
5
%
Dynamic range
A-weighted
81
89
dB
SNR
Signal-to-noise ratio
A-weighted
81
89
dB
Channel separation
80
85
dB
Analog Input
Input voltage
0.6 VCCCI
VPP
Center voltage
0.5 VCCCI
V
Input impedance
30
k
Ω
–3 dB
150
kHz
Antialiasing filter frequency response
fIN = 20 kHz
–0.08
dB
ADC Digital Filter Performance
Passband
0.454 fS
Hz
Stop band
0.583 fS
Hz
Passband ripple
±0.05
dB
Stop band attenuation
–65
dB
td
Delay time
17.4/fS
s
HPF frequency response
–3 dB
0.078 fS/1000
Hz
(1)
fIN = 1 kHz, using a System Two™ audio measurement system by Audio Precision™ in RMS mode with 20-kHz LPF, 400-Hz HPF in
calculation.
(2)
Using external voltage regulator for VCCCI (as shown in Table 7 and Figure 37, using with REG103xA-A).
(3)
Using internal voltage regulator for VCCCI (as shown in Figure 38 and Figure 39).
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM2900C PCM2902C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com