Electronic Components Datasheet Search
  English  ▼

X  

PCM2900CDB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900CDB
Description  Single-Ended Analog Input/Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900CDB Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM2900CDB Datasheet HTML 2Page - Texas Instruments PCM2900CDB Datasheet HTML 3Page - Texas Instruments PCM2900CDB Datasheet HTML 4Page - Texas Instruments PCM2900CDB Datasheet HTML 5Page - Texas Instruments PCM2900CDB Datasheet HTML 6Page - Texas Instruments PCM2900CDB Datasheet HTML 7Page - Texas Instruments PCM2900CDB Datasheet HTML 8Page - Texas Instruments PCM2900CDB Datasheet HTML 9Page - Texas Instruments PCM2900CDB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D+
D
-
V
BUS
DGNDU
HID0
HID1
HID2
SEL0
SEL1
V
CCCI
AGNDC
V L
IN
V R
IN
V
COM
SSPND
TEST0
V
CCXI
AGNDX
XTO
V
CCP2I
DGND
V
CCP1I
V
L
OUT
XTI
TEST1
V
DDI
AGNDP
V
R
OUT
PCM2900C
PCM2900C
PCM2902C
SBFS039
– SEPTEMBER 2011
www.ti.com
PCM2900C PIN ASSIGNMENTS
DB PACKAGE
SSOP-28
(TOP VIEW)
Table 1. PCM2900C TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
I/O
DESCRIPTION
AGNDC
11
–
Analog ground for codec
AGNDP
18
–
Analog ground for PLL
AGNDX
22
–
Analog ground for oscillator
D
–
2
I/O
USB differential input/output minus
(1)
D+
1
I/O
USB differential input/output plus
(1)
DGND
26
–
Digital ground
DGNDU
4
–
Digital ground for USB transceiver
HID0
5
I
HID key state input (mute), active-high
(2)
HID1
6
I
HID key state input (volume up), active-high
(2)
HID2
7
I
HID key state input (volume down), active-high
(2)
SEL0
8
I
Must be set to high
(3)
SEL1
9
I
Must be set to high
(3)
SSPND
28
O
Suspend flag, active-low (low: suspend, high: operational)
TEST0
24
I
Test pin, must be connected to GND
TEST1
25
O
Test pin, must be left open
VBUS
3
–
Connect to USB power (VBUS)
VCCCI
10
–
Internal analog power supply for codec
(4)
VCCP1I
17
–
Internal analog power supply for PLL
(4)
VCCP2I
19
–
Internal analog power supply for PLL
(4)
VCCXI
23
–
Internal analog power supply for oscillator
(4)
VCOM
14
–
Common for ADC/DAC (VCCCI/2)
(4)
VDDI
27
–
Internal digital power supply
(4)
VINL
12
I
ADC analog input for L-channel
VINR
13
I
ADC analog input for R-channel
VOUTL
16
O
DAC analog output for L-channel
VOUTR
15
O
DAC analog output for R-channel
XTI
21
I
Crystal oscillator input
(5)
XTO
20
O
Crystal oscillator output
(1)
LV-TTL level.
(2)
3.3-V CMOS-level input with internal pull-down. This pin informs the PC of serviceable control signals such as mute, volume up, or
volume down, which have no connection with the internal DAC or ADC directly. See the Interface #3 and End-Points sections.
(3)
TTL Schmitt trigger, 5-V tolerant.
(4)
Connect a decoupling capacitor to GND.
(5)
3.3-V, CMOS-level input.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM2900C PCM2902C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com