Electronic Components Datasheet Search
  English  ▼

X  

LMP91000 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91000
Description  Sensor AFE System
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91000 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP91000 Datasheet HTML 2Page - Texas Instruments LMP91000 Datasheet HTML 3Page - Texas Instruments LMP91000 Datasheet HTML 4Page - Texas Instruments LMP91000 Datasheet HTML 5Page - Texas Instruments LMP91000 Datasheet HTML 6Page - Texas Instruments LMP91000 Datasheet HTML 7Page - Texas Instruments LMP91000 Datasheet HTML 8Page - Texas Instruments LMP91000 Datasheet HTML 9Page - Texas Instruments LMP91000 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LMP91000
SNAS506I – JANUARY 2011 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified, TA = 25°C, VS=(VDD – AGND), VS = 3.3 V and AGND = DGND = 0 V, VREF = 2.5 V, Internal
Zero = 20% VREF.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
en_RW
Low Frequency integrated noise
0.1 Hz to 10 Hz, Zero Bias
3.4
between RE pin and WE pin
(5)
µVpp
0.1 Hz to 10 Hz, with Bias
5.1
(5) (6)
0% VREF
Internal Zero=20% VREF
0% VREF
–550
550
Internal Zero=50% VREF
0% VREF
Internal Zero=67% VREF
±1% VREF
–575
575
±2% VREF
–610
610
±4% VREF
–750
750
BIAS polarity
±6% VREF
–840
840
VOS_RW
WE Voltage Offset referred to RE
(7)
µV
±8% VREF
–930
930
–40 to 80°C
±10% VREF
–1090
1090
±12% VREF
–1235
1235
±14% VREF
–1430
1430
±16% VREF
–1510
1510
±18% VREF
–1575
1575
±20% VREF
–1650
1650
±22% VREF
–1700
1700
±24% VREF
–1750
1750
0% VREF
Internal Zero=20% VREF
0% VREF
–4
4
Internal Zero=50% VREF
0% VREF
Internal Zero=67% VREF
±1% VREF
–4
4
±2% VREF
–4
4
±4% VREF
–5
5
WE Voltage Offset Drift referred
±6% VREF
–5
5
BIAS polarity
TcVOS_RW
to RE from –40°C to 85°C
µV/°C
(7)
±8% VREF
–5
5
(8)
±10% VREF
–6
6
±12% VREF
–6
6
±14% VREF
–7
7
±16% VREF
–7
7
±18% VREF
–8
8
±20% VREF
–8
8
±22% VREF
–8
8
±24% VREF
–8
8
(5)
This parameter includes both A1 and TIA's noise contribution.
(6)
In case of external reference connected, the noise of the reference has to be added.
(7)
For negative bias polarity the Internal Zero is set at 67% VREF.
(8)
Offset voltage temperature drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change. Starting from the measured voltage offset at temperature T1 (VOS_RW(T1)), the voltage offset at temperature T2 (VOS_RW(T2)) is
calculated according the following formula: VOS_RW(T2)=VOS_RW(T1)+ABS(T2–T1)* TcVOS_RW.
6
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LMP91000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com