Electronic Components Datasheet Search
  English  ▼

X  

LMP91000 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91000
Description  Sensor AFE System
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91000 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP91000 Datasheet HTML 4Page - Texas Instruments LMP91000 Datasheet HTML 5Page - Texas Instruments LMP91000 Datasheet HTML 6Page - Texas Instruments LMP91000 Datasheet HTML 7Page - Texas Instruments LMP91000 Datasheet HTML 8Page - Texas Instruments LMP91000 Datasheet HTML 9Page - Texas Instruments LMP91000 Datasheet HTML 10Page - Texas Instruments LMP91000 Datasheet HTML 11Page - Texas Instruments LMP91000 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SCL
SDA
tHD;STA
tLOW
tHD;DAT
tHIGH
tSU;DAT
tSU;STA
tSU;STO
tf
START
REPEATED
START
STOP
tHD;STA
START
tSP
tBUF
1/fSCL
tVD;DAT
tVD;ACK
30%
70%
30%
70%
MENB
30%
70%
tEN;START
tEN;STOP
tEN;HIGH
LMP91000
SNAS506I – JANUARY 2011 – REVISED DECEMBER 2014
www.ti.com
6.7 Timing Requirements
Unless otherwise specified, TA = 25°C, VS= (VDD – AGND), VS= 3.3 V and AGND = DGND = 0 V, VREF = 2.5 V, Internal
Zero= 20% VREF.
(1)
MIN
TYP
MAX
UNIT
fSCL
Clock Frequency
–40 to 80°C
10
100
kHz
tLOW
Clock Low Time
–40 to 80°C
4.7
µs
tHIGH
Clock High Time
–40 to 80°C
4.0
µs
After this period, the first clock
tHD;STA
Data valid
4.0
µs
pulse is generated
tSU;STA
Set-up time for a repeated START condition
–40 to 80°C
4.7
µs
tHD;DAT
Data hold time(2)
–40 to 80°C
0
ns
tSU;DAT
Data Set-up time
–40 to 80°C
250
ns
IL
≤ 3 mA;
tf
SDA fall time (3)
CL
≤ 400 pF
250
ns
–40 to 80°C
tSU;STO
Set-up time for STOP condition
–40 to 80°C
4.0
µs
Bus free time between a STOP and START
–40 to 80°C
tBUF
4.7
µs
condition
tVD;DAT
Data valid time
–40 to 80°C
3.45
µs
tVD;ACK
Data valid acknowledge time
–40 to 80°C
3.45
µs
tSP
Pulse width of spikes that must be
–40 to 80°C
50
ns
suppressed by the input filter(3)
t_timeout
SCL and SDA Timeout
–40 to 80°C
25
100
ms
tEN;START
I2C Interface Enabling
–40 to 80°C
600
ns
tEN;STOP
I2C Interface Disabling
–40 to 80°C
600
ns
tEN;HIGH
Time between consecutive I2C interface
–40 to 80°C
600
ns
enabling and disabling
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA.
(2)
LMP91000 provides an internal 300-ns minimum hold time to bridge the undefined region of the falling edge of SCL.
(3)
This parameter is specified by design or characterization.
Figure 1. Timing Diagram
8
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LMP91000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com