Electronic Components Datasheet Search
  English  ▼

X  

LMP91000 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91000
Description  Sensor AFE System
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91000 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP91000 Datasheet HTML 12Page - Texas Instruments LMP91000 Datasheet HTML 13Page - Texas Instruments LMP91000 Datasheet HTML 14Page - Texas Instruments LMP91000 Datasheet HTML 15Page - Texas Instruments LMP91000 Datasheet HTML 16Page - Texas Instruments LMP91000 Datasheet HTML 17Page - Texas Instruments LMP91000 Datasheet HTML 18Page - Texas Instruments LMP91000 Datasheet HTML 19Page - Texas Instruments LMP91000 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
LMP91000
SNAS506I – JANUARY 2011 – REVISED DECEMBER 2014
www.ti.com
Feature Description (continued)
Table 1. Temperature Sensor Transfer (continued)
TEMPERATURE
OUTPUT VOLTAGE
TEMPERATURE
OUTPUT VOLTAGE
(°C)
(mV)
(°C)
(mV)
21
1391
84
870
22
1383
85
861
Although the temperature sensor is very linear, its response does have a slight downward parabolic shape. This
shape is very accurately reflected in Table 1. For a linear approximation, a line can easily be calculated over the
desired temperature range from Table 1 using the two-point equation:
V-V1=((V2–V1)/(T2–T1))*(T-T1)
where
•
V is in mV, T is in °C, T1 and V1 are the coordinates of the lowest temperature
•
T2 and V2 are the coordinates of the highest temperature.
(1)
For example, to determine the equation of a line over a temperature range of 20°C to 50°C, proceed as follows:
V-1399mV=((1154 mV - 1399 mV)/(50°C -20°C))*(T-20°C)
(2)
V-1399mV= -8.16 mV/°C*(T-20°C)
(3)
V=(-8.16 mV/°C)*T+1562.2 mV
(4)
Using this method of linear approximation, the transfer function can be approximated for one or more
temperature ranges of interest.
16
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LMP91000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com