Electronic Components Datasheet Search
  English  ▼

X  

TAS5716PAP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5716PAP
Description  20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5716PAP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5716PAP Datasheet HTML 12Page - Texas Instruments TAS5716PAP Datasheet HTML 13Page - Texas Instruments TAS5716PAP Datasheet HTML 14Page - Texas Instruments TAS5716PAP Datasheet HTML 15Page - Texas Instruments TAS5716PAP Datasheet HTML 16Page - Texas Instruments TAS5716PAP Datasheet HTML 17Page - Texas Instruments TAS5716PAP Datasheet HTML 18Page - Texas Instruments TAS5716PAP Datasheet HTML 19Page - Texas Instruments TAS5716PAP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
BACK-END ERROR (BKND_ERR)
BKND_ERR
VALID
t
w(ER)
t
p(valid_high)
t
p(valid_low)
Normal
Operation
Normal
Operation
T0031-04
MUTE TIMING (MUTE)
t
d(VOL)
VOLUME
MUTE
Normal
Operation
Normal
Operation
t
d(VOL)
50-50
DutyCycle
T0032-03
TAS5716
SLOS569 – JANUARY 2009............................................................................................................................................................................................... www.ti.com
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tw(ER)
Pulse duration, BKND_ERR active (active-low)
350
None
ns
tp(valid_high)
Programmable. Time to stay in the OUT_x low state. After tp(valid_high), the TAS5716
attempts to bring the system out of the OUT_x low state if BKND_ERR is high. See
ms
register 0x1C.
tp(valid_low)
Time TAS5716 takes to bring OUT_x low after BKND_ERR assertion.
350
ns
Figure 6. Error Recovery Timing
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
td(VOL)
Volume ramp time. Ramp time = number of steps (programmable number of steps, see
1024
steps
register 0x0E) × step size(1)
(1)
Stepsize = 4 LRCLKs (for 32–48 kHz sample rate); 8 LRCLKs (for 88.2–96 kHz sample rate); 16 LRCLKs (for 176.4–192 kHz sample
rate)
Figure 7. Mute Timing
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5716



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com