Electronic Components Datasheet Search
  English  ▼

X  

TAS5716PAP Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5716PAP
Description  20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5716PAP Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS5716PAP Datasheet HTML 31Page - Texas Instruments TAS5716PAP Datasheet HTML 32Page - Texas Instruments TAS5716PAP Datasheet HTML 33Page - Texas Instruments TAS5716PAP Datasheet HTML 34Page - Texas Instruments TAS5716PAP Datasheet HTML 35Page - Texas Instruments TAS5716PAP Datasheet HTML 36Page - Texas Instruments TAS5716PAP Datasheet HTML 37Page - Texas Instruments TAS5716PAP Datasheet HTML 38Page - Texas Instruments TAS5716PAP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
Loudness Function
Volume
Biquad(0x24)
From
Input
Mux
To
Output
Mux
Loudness
Biquad(0x23)
Gain=G
1ifVol
1/G
0ifVol
1/G+1/Scale
1
Scale(Vol
1/G)otherwise
£
³
-
-
0ifVol
1/G
1ifVol
1/G+1/Scale
Scale(Vol
1/G)otherwise
£
³
-
B0273-01
Scale=1/(1
1/G)
-
TAS5716
www.ti.com............................................................................................................................................................................................... SLOS569 – JANUARY 2009
The TAS5716 provides a direct form-I biquad for loudness on the subwoofer channel. The first biquad is
contained in a gain-compensation circuit that maintains the overall system gain at 1 or less to prevent clipping at
loud volume settings. This gain compensation is shown in Figure 46
Figure 46. Biquad Gain-Control Structure
Table 1. Loudness Table Example for Gain = 4, 1/G = 0.25, Scale = 1.33
Volume
0.125
0.25
0.375
0.5
0.625
0.75
0.875
1
1.125
1.25
1.375
1.5
1.625
1.75
1.875
2
Biquad path
1
1
0.833
0.666
0.5
0.333
0.166
0
0
0
0
0
0
0
0
0
Direct path
0
0
0.166
0.333
0.5
0.666
0.833
1
1
1
1
1
1
1
1
1
Total gain
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
The biquads are implemented in a direct form-I architecture. The direct form-I structure provides a separate delay
element and mixer (gain coefficient) for each node in the biquad filter.
The five 26-bit (3.23) coefficients for the biquad are programmable via the I2C interface.
The following steps are involved in using a loudness biquad with the volume compensation feature:
1. Program the biquad with a loudness filter.
2. Program 0x26 (1/G) and 0x28 (scale).
3. Enable volume compensation in register 0x0E.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): TAS5716



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com