Electronic Components Datasheet Search
  English  ▼

X  

TAS5716PAP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5716PAP
Description  20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5716PAP Datasheet(HTML) 1 Page - Texas Instruments

  TAS5716PAP Datasheet HTML 1Page - Texas Instruments TAS5716PAP Datasheet HTML 2Page - Texas Instruments TAS5716PAP Datasheet HTML 3Page - Texas Instruments TAS5716PAP Datasheet HTML 4Page - Texas Instruments TAS5716PAP Datasheet HTML 5Page - Texas Instruments TAS5716PAP Datasheet HTML 6Page - Texas Instruments TAS5716PAP Datasheet HTML 7Page - Texas Instruments TAS5716PAP Datasheet HTML 8Page - Texas Instruments TAS5716PAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
1
FEATURES
DESCRIPTION
TAS5716
www.ti.com............................................................................................................................................................................................... SLOS569 – JANUARY 2009
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
–
Loudness Compensation for Subwoofer
23
• Audio Input/Output
–
Automatic Sample-Rate Detection and
Coefficient Banking
–
20 W Into an 8-
Ω Load From an 18-V Supply
–
3D Support
–
Two Serial Audio Inputs (Four Audio
Channels)
–
Pseudo-Bass Support
–
Supports Multiple Output Configurations:
• General Features
–
2-Ch Bridged Outputs (20 W × 2)
–
Serial Control Interface Operational Without
MCLK
–
4-Ch Single-Ended Outputs (10 W × 4)
–
Factory-Trimmed Internal Oscillator Avoids
–
2-Ch Single-Ended + 1-Ch Bridged (2.1)
the Need for External Crystal
(10 W × 2 + 20 W)
–
Surface Mount, 64-Terminal, 10-mm ×
• Closed-Loop Power-Stage Architecture
10-mm HTQFP Package
–
Improved PSRR Reduces Power Supply
–
Thermal and Short-Circuit Protection
Performance Requirements
–
Higher Damping Factor Provides for
Tighter, More Accurate Sound With
Improved Bass Response
The TAS5716 is a 20-W, efficient, digital-audio power
amplifier for driving stereo bridged-tied speakers. Two
–
Constant Output Power Over Variation in
serial data inputs allow processing of up to four
Supply
discrete audio channels and seamless integration to
• Wide PVCC Range From (10 V to 26 V)
most digital audio processors and MPEG decoders,
–
No Separate Supply Required for Gate
accepting a wide range of input data and clock rates.
A
fully
programmable
data
path
allows
these
Drive
channels to be routed to the internal speaker drivers
• Supports 32-kHz–192-kHz Sample Rates
or output via the subwoofer or headphone PWM
(LJ/RJ/I2S)
outputs.
• Headphone PWM Outputs
The TAS5716 is a slave-only device receiving all
• Subwoofer PWM Outputs
clocks from external sources. The TAS5716 operates
• AM Interference Avoidance Support
at a 384-kHz switching rate for 32-, 48-, 96-, and
192-kHz data, and at a 352.8 kHz switching rate for
• Audio/PWM Processing
44.1-,
88.2-,
and
176.4-kHz
data.
The
8×
–
Independent Channel Volume Controls With
oversampling combined with the fourth-order noise
24-dB to –100-dB Range—Soft Mute (50%
shaper provides a flat noise floor and excellent
Duty Cycle)
dynamic range from 20 Hz to 20 kHz.
–
Programmable Dynamic Range Control
–
16 Programmable Biquads for Speaker
Equalization
–
Adaptive Biquad Coefficients for EQ and
DRC Filters
–
Programmable Input and Output Mixers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath Digital is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5716PAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5716 TI1-TAS5716 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
More results

Similar Description - TAS5716PAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5706 TI-TAS5706 Datasheet
1Mb / 62P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A TI-TAS5706A Datasheet
1Mb / 63P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A_0812 TI-TAS5706A_0812 Datasheet
1Mb / 65P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5707 TI-TAS5707 Datasheet
1Mb / 55P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI-TAS5709 Datasheet
1Mb / 59P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706BPAPR TI1-TAS5706BPAPR Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com