Electronic Components Datasheet Search
  English  ▼

X  

THS4021 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS4021
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4021 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS4021 Datasheet HTML 13Page - Texas Instruments THS4021 Datasheet HTML 14Page - Texas Instruments THS4021 Datasheet HTML 15Page - Texas Instruments THS4021 Datasheet HTML 16Page - Texas Instruments THS4021 Datasheet HTML 17Page - Texas Instruments THS4021 Datasheet HTML 18Page - Texas Instruments THS4021 Datasheet HTML 19Page - Texas Instruments THS4021 Datasheet HTML 20Page - Texas Instruments THS4021 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
www.ti.com
|VO| − RMS Output Voltage − V
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
G030
Package With
θJA < = 120°C/W
SO-8 Package
θJA = 167°C/W
Low-K Test PCB
VCC = ± 5 V
Tj = 150°C
TA = 50°C
Maximum Output
Current Limit Line
Safe Operating
Area
|VO| − RMS Output Voltage − V
0
3
6
9
12
15
G031
10
1k
100
TJ = 150°C
TA = 50°C
VCC = ± 15 V
Maximum Output
Current Limit Line
SO-8 Package
θJA = 98°C/W
High-K Test PCB
DGN Package
θJA = 58.4°C/W
SO-8 Package
θJA = 167°C/W
Low-K Test PCB
Safe Operating
Area
THS4021
THS4022
SLOS265C – SEPTEMBER 1999 – REVISED JULY 2007
The next consideration is the package constraints. The two sources of heat within an amplifier are quiescent
power and output power. The designer should never forget about the quiescent heat generated within the device,
especially with multiamplifier devices. Because these devices have linear output stages (Class A-B), most of the
heat dissipation is at low output voltages with high output currents. Figure 40 through Figure 43 show this effect,
along with the quiescent heat, with an ambient air temperature of 50
°C. Obviously, as the ambient temperature
increases, the limit lines shown drop accordingly. The area under each respective limit line is considered the safe
operating area. Any condition above this line exceeds the amplifier limits and failure may result. When using VCC
= ±5 V, there is generally not a heat problem, even with SOIC packages. But, when using VCC = ±15 V, the SOIC
package is severely limited in the amount of heat it can dissipate. The other key factor when looking at these
graphs is how the devices are mounted on the PCB. The PowerPAD devices are extremely useful for heat
dissipation. But the device should always be soldered to a copper plane to use fully the heat dissipation
properties of the thermal pad. The SOIC package, on the other hand, is highly dependent on how it is mounted
on the PCB. As more trace and copper area is placed around the device,
θJA decreases and the heat dissipation
capability increases. The currents and voltages shown in these graphs are for the total package. For the
dual-amplifier package (THS4022), the sum of the RMS output currents and voltages should be used to choose
the proper package. The graphs shown assume that both amplifier outputs are identical.
THS4021
THS4021
MAXIMUM RMS OUTPUT CURRENT
MAXIMUM RMS OUTPUT CURRENT
vs
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
Figure 40.
Figure 41.
Copyright © 1999–2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): THS4021 THS4022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com