Electronic Components Datasheet Search
  English  ▼

X  

THS4021 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4021
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4021 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4021 Datasheet HTML 2Page - Texas Instruments THS4021 Datasheet HTML 3Page - Texas Instruments THS4021 Datasheet HTML 4Page - Texas Instruments THS4021 Datasheet HTML 5Page - Texas Instruments THS4021 Datasheet HTML 6Page - Texas Instruments THS4021 Datasheet HTML 7Page - Texas Instruments THS4021 Datasheet HTML 8Page - Texas Instruments THS4021 Datasheet HTML 9Page - Texas Instruments THS4021 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.ti.com
−100
−90
−80
−70
−60
−50
f − Frequency − Hz
100k
10M
1M
G007
2nd Harmonic
3rd Harmonic
VCC = ± 15 V
RL = 1 kΩ
G = 10
VO(PP) = 2 V
−100
−90
−80
−70
−60
−50
f − Frequency − Hz
100k
10M
1M
G008
VCC = ± 5 V
RL = 1 kΩ
G = 10
VO(PP) = 2 V
2nd Harmonic
3rd Harmonic
−100
−90
−80
−70
−60
−50
f − Frequency − Hz
100k
10M
1M
G009
VCC = ± 15 V
RL = 150 Ω
G = 10
VO(PP) = 2 V
2nd Harmonic
3rd Harmonic
−100
−90
−80
−70
−60
−50
−40
f − Frequency − Hz
100k
10M
1M
G010
VCC = ± 5 V
RL = 150 Ω
G = 10
VO(PP) = 2 V
2nd Harmonic
3rd Harmonic
10
15
20
25
f − Frequency − Hz
10k
1G
1M
G011
100k
10M
100M
VCC = ± 15 V
Gain = 10
RL = 150 Ω
VO(PP) = 400 mV
RF = 150 Ω
RF = 220 Ω
10
15
20
25
f − Frequency − Hz
10k
1G
1M
G012
100k
10M
100M
VCC = ± 5 V
Gain = 10
RL = 150 Ω
VO(PP) = 400 mV
RF = 220 Ω
RF = 150 Ω
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
0
50
100 150 200 250 300 350 400
t − Time − ns
G015
VCC = ± 5 V
Gain = 10
RF = 220 Ω
RL = 150 Ω
10
15
20
25
30
f − Frequency − Hz
100k
1G
1M
G013
10M
100M
RF = 6.2 kΩ
RF = 220 Ω
VCC = ±15 V
Gain = 20
RL = 150 Ω
VO(PP) = 400 mV
RF = 1 kΩ
10
15
20
25
30
f − Frequency − Hz
100k
1G
1M
G014
10M
100M
RF = 6.2 kΩ
RF = 220 Ω
VCC = ±5 V
Gain = 20
RL = 150 Ω
VO(PP) = 400 mV
RF = 1 kΩ
THS4021
THS4022
SLOS265C – SEPTEMBER 1999 – REVISED JULY 2007
TYPICAL CHARACTERISTICS (continued)
DISTORTION
DISTORTION
DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 9.
Figure 10.
Figure 11.
DISTORTION
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 12.
Figure 13.
Figure 14.
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
FREQUENCY
FREQUENCY
1-V STEP RESPONSE
Figure 15.
Figure 16.
Figure 17.
6
Submit Documentation Feedback
Copyright © 1999–2007, Texas Instruments Incorporated
Product Folder Link(s): THS4021 THS4022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com