Electronic Components Datasheet Search
  English  ▼

X  

THS4021 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS4021
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4021 Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS4021 Datasheet HTML 12Page - Texas Instruments THS4021 Datasheet HTML 13Page - Texas Instruments THS4021 Datasheet HTML 14Page - Texas Instruments THS4021 Datasheet HTML 15Page - Texas Instruments THS4021 Datasheet HTML 16Page - Texas Instruments THS4021 Datasheet HTML 17Page - Texas Instruments THS4021 Datasheet HTML 18Page - Texas Instruments THS4021 Datasheet HTML 19Page - Texas Instruments THS4021 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
P
D +
T
MAX
–T
A
q
JA
TA − Free-Air Temperature − °C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
−40
−20
0
20
40
60
80
100
G029
DGN Package
θJA = 58.4°C/W
2 oz. Trace And Copper Pad
With Solder
DGN Package
θJA = 158°C/W
2 oz. Trace And
Copper Pad
Without Solder
SOIC Package
High-K Test PCB
θJA = 98°C/W
SOIC Package
Low-K Test PCB
θJA = 167°C/W
TJ = 150°C
THS4021
THS4022
SLOS265C – SEPTEMBER 1999 – REVISED JULY 2007
7. Apply solder paste to the exposed thermal pad area and all of the IC terminals.
8. With these preparatory steps in place, the THS402xDGN IC is simply placed in position and run through the
solder reflow operation as any standard surface-mount component. This results in a part that is properly
installed.
The actual thermal performance achieved with the THS402xDGN in its PowerPAD package depends on the
application. In the example above, if the size of the internal ground plane is approximately 3 inches
× 3 inches
(7.62 cm
× 7.62 cm), then the expected thermal coefficient, θ
JA, is about 58.4°C/W. For comparison, the
non-PowerPAD version of the THS402x IC (SOIC) is shown. For a given
θJA, the maximum power dissipation is
shown in Figure 39 and is calculated by the following formula:
where:
PD = Maximum power dissipation of THS402x IC (watts)
TMAX = Absolute maximum junction temperature (150°C)
TA = Free-ambient air temperature (°C)
θJA = θJC + θCA
θJC = Thermal coefficient from junction to case
θCA = Thermal coefficient from case to ambient air (°C/W)
MAXIMUM POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
NOTE: Results are with no air flow and PCB size = 3 in.
× 3 in. (7.62 cm × 7.62 cm).
Figure 39. Maximum Power Dissipation vs Free-Air Temperature
More-complete details of the thermal pad installation process and thermal management techniques can be found
in the PowerPAD Thermally Enhanced Package application report (SLMA002).
16
Submit Documentation Feedback
Copyright © 1999–2007, Texas Instruments Incorporated
Product Folder Link(s): THS4021 THS4022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com