Electronic Components Datasheet Search
  English  ▼

X  

THS4021 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS4021
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4021 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4021 Datasheet HTML 8Page - Texas Instruments THS4021 Datasheet HTML 9Page - Texas Instruments THS4021 Datasheet HTML 10Page - Texas Instruments THS4021 Datasheet HTML 11Page - Texas Instruments THS4021 Datasheet HTML 12Page - Texas Instruments THS4021 Datasheet HTML 13Page - Texas Instruments THS4021 Datasheet HTML 14Page - Texas Instruments THS4021 Datasheet HTML 15Page - Texas Instruments THS4021 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.ti.com
Driving a Capacitive Load
+
_
THS402x
C
LOAD
1kW
Input
Output
50 W
20 W
S0278-01
Offset Nulling
_
+
THS402x
V
CC–
V
CC+
0.1 F
m
0.1 F
m
10kW
S0279-01
THS4021
THS4022
SLOS265C – SEPTEMBER 1999 – REVISED JULY 2007
Driving capacitive loads with high-performance amplifiers is not a problem as long as certain precautions are
taken. The first is to realize that the THS402x has been internally compensated to maximize its bandwidth and
slew-rate performance. When the amplifier is compensated in this manner, capacitive loading directly on the
output decreases the device phase margin, leading to high-frequency ringing or oscillations. Therefore, for
capacitive loads of greater than 10 pF, it is recommended that a resistor be placed in series with the output of
the amplifier, as shown in Figure 33. A minimum value of 20
Ω should work well for most applications. For
example, in 75-
Ω transmission systems, setting the series resistor value to 75 Ω both isolates any capacitance
loading and provides the proper line impedance matching at the source end.
Figure 33. Driving a Capacitive Load
The THS402x has very low input offset voltage for a high-speed amplifier. However, if additional correction is
required, an offset nulling function has been provided on the THS4021. The input offset can be adjusted by
placing a potentiometer between terminals 1 and 8 of the device and tying the wiper to the negative supply. This
is shown in Figure 34.
Figure 34. Offset Nulling Schematic
12
Submit Documentation Feedback
Copyright © 1999–2007, Texas Instruments Incorporated
Product Folder Link(s): THS4021 THS4022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com