Electronic Components Datasheet Search
  English  ▼

X  

BM78 Datasheet(PDF) 34 Page - Microchip Technology

Part # BM78
Description  Bluetooth짰 4.2 Dual-Mode Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM78 Datasheet(HTML) 34 Page - Microchip Technology

Back Button BM78 Datasheet HTML 30Page - Microchip Technology BM78 Datasheet HTML 31Page - Microchip Technology BM78 Datasheet HTML 32Page - Microchip Technology BM78 Datasheet HTML 33Page - Microchip Technology BM78 Datasheet HTML 34Page - Microchip Technology BM78 Datasheet HTML 35Page - Microchip Technology BM78 Datasheet HTML 36Page - Microchip Technology BM78 Datasheet HTML 37Page - Microchip Technology BM78 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
BM78
DS60001380A-Page 34
Advance Information
 2016 Microchip Technology Inc.
Note 1: Low energy, RX_IND function is enabled.
2: Data corresponds to the BM78SPPx5NC2 (ROM variant).
3: Only low energy
Reduced power advertising
0.39
LE Reduced Power advertising
interval = 961 ms
1.00
LE Reduced Power advertising
interval = 961 ms+Beacon 100 ms
0.51
LE Reduced Power advertising
interval = 961 ms+Beacon 500 ms
Connected (No data)
0.39
Connection interval = 1500 ms
0.43
Connection interval = 600 ms
Connected (iPhone® 6 to module)
0.45
Connection interval = 500 ms
0.60
Connection interval = 200 ms
Connected (module to iPhone 6)
6.6
Connection interval = 500 ms
7.0
Connection interval = 200 ms
TABLE 4-7:
POWER CONSUMPTION-LOW ENERGY(1,2,3) (CONTINUED)
Test Condition
Current Consumption (avg.) (mA)
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com