Electronic Components Datasheet Search
  English  ▼

X  

BM78 Datasheet(PDF) 18 Page - Microchip Technology

Part # BM78
Description  Bluetooth짰 4.2 Dual-Mode Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM78 Datasheet(HTML) 18 Page - Microchip Technology

Back Button BM78 Datasheet HTML 14Page - Microchip Technology BM78 Datasheet HTML 15Page - Microchip Technology BM78 Datasheet HTML 16Page - Microchip Technology BM78 Datasheet HTML 17Page - Microchip Technology BM78 Datasheet HTML 18Page - Microchip Technology BM78 Datasheet HTML 19Page - Microchip Technology BM78 Datasheet HTML 20Page - Microchip Technology BM78 Datasheet HTML 21Page - Microchip Technology BM78 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
BM78
DS60001380A-Page 18
Advance Information
 2016 Microchip Technology Inc.
2.9
Host MCU Interface over UART
Figure 2-8 illustrates an example of UART interface
with host MCU and power scheme using 3.3V to the
VDD. Battery power is applied to the BAT_IN pin. From
the LDO33_O pin, voltage can be routed to the
VDD_IO pin and external circuitry including the MCU.
This power scheme ensures that the BM78 and MCU
I/O voltages are compatible.
FIGURE 2-8:
POWER AND MCU INTERFACE EXAMPLE FOR BM78
Note 1: Ensure that VDD_IO and MCU VDD voltages are compatible.
2: The control and indication ports are configurable
Note:
The internal 3.3V LDO current source
should not exceed 50 mA (i.e maximum).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com