Electronic Components Datasheet Search
  English  ▼

X  

BM78 Datasheet(PDF) 47 Page - Microchip Technology

Part # BM78
Description  Bluetooth짰 4.2 Dual-Mode Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM78 Datasheet(HTML) 47 Page - Microchip Technology

Back Button BM78 Datasheet HTML 43Page - Microchip Technology BM78 Datasheet HTML 44Page - Microchip Technology BM78 Datasheet HTML 45Page - Microchip Technology BM78 Datasheet HTML 46Page - Microchip Technology BM78 Datasheet HTML 47Page - Microchip Technology BM78 Datasheet HTML 48Page - Microchip Technology BM78 Datasheet HTML 49Page - Microchip Technology BM78 Datasheet HTML 50Page - Microchip Technology BM78 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001380A-Page 47
BM78
8.1
BM78SPPS5MC2/NC2 Ceramic Chip Antenna
The
BM78SPPS5MC2/NC2
contains
an
integral
ceramic chip antenna.
Figure 8-3 illustrates
the
antenna radiation pattern of the ceramic chip antenna
on the BM78SPPS5MC2/NC2.
FIGURE 8-3:
BM78SPPS5MC2/NC2 ANTENNA RADIATION PATTERN
TABLE 8-2:
ANTENNA RADIATION
PATTERN DETAILS
Parameter
Values
Frequency
2450 MHz
Peak Gain
1.63 dBi
Efficiency
71.55%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com