Electronic Components Datasheet Search
  English  ▼

X  

BM78 Datasheet(PDF) 5 Page - Microchip Technology

Part # BM78
Description  Bluetooth짰 4.2 Dual-Mode Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM78 Datasheet(HTML) 5 Page - Microchip Technology

  BM78 Datasheet HTML 1Page - Microchip Technology BM78 Datasheet HTML 2Page - Microchip Technology BM78 Datasheet HTML 3Page - Microchip Technology BM78 Datasheet HTML 4Page - Microchip Technology BM78 Datasheet HTML 5Page - Microchip Technology BM78 Datasheet HTML 6Page - Microchip Technology BM78 Datasheet HTML 7Page - Microchip Technology BM78 Datasheet HTML 8Page - Microchip Technology BM78 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001380A-Page 5
BM78
1.0
SYSTEM OVERVIEW
The BM78 module is a fully certified, embedded 2.4 GHz
Bluetooth version 4.2 (BR/EDR/LE) wireless module. It
includes an on board Bluetooth stack, a power manage-
ment subsystem, a 2.4 GHz transceiver, and an RF
power amplifier. Customers can embed Bluetooth func-
tionality into any applications using the BM78.
The BM78 enables rapid product development and
faster time to market, and it is designed to provide inte-
grators with the following features:
• Simple integration and programming
• Reduced development time
• Superior wireless module with low-cost system
• Interoperability with Bluetooth host
• Wide range of applications
The BM78 has four Stock Keeping Units (SKUs). For
additional information on SKUs, refer to Section 9.0
“Ordering Information”. The BM78SPPS5MC2/NC2
is a complete and fully regulatory certified module with
an integral ceramic chip antenna and RF shield. The
BM78SPP05MC2/NC2 is a low-cost alternative with
RF out PAD (for external antenna) and no RF shield.
The integrator is responsible for the antenna, antenna
matching, and regulatory certifications.
The BM78 is a small, compact, and surface mounted
module with castellated pads for easy and reliable host
PCB
mounting.
It
is
compatible
with
standard
pick-and-place equipment and can independently main-
tain a low-power wireless connection. Low power usage
and flexible power management maximize the lifetime of
the BM78 in battery-operated devices. A wide operating
temperature range enables its applications in indoor and
outdoor environments. Figure 1-1 illustrates the internal
block diagram of the BM78.
FIGURE 1-1:
INTERNAL BLOCK DIAGRAM OF BM78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com