Electronic Components Datasheet Search
  English  ▼

X  

LP2982 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP2982
Description  Micropower Ultra-Low-Dropout LDO in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2982 Datasheet(HTML) 4 Page - Texas Instruments

  LP2982 Datasheet HTML 1Page - Texas Instruments LP2982 Datasheet HTML 2Page - Texas Instruments LP2982 Datasheet HTML 3Page - Texas Instruments LP2982 Datasheet HTML 4Page - Texas Instruments LP2982 Datasheet HTML 5Page - Texas Instruments LP2982 Datasheet HTML 6Page - Texas Instruments LP2982 Datasheet HTML 7Page - Texas Instruments LP2982 Datasheet HTML 8Page - Texas Instruments LP2982 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LP2982
SNVS128K – MARCH 2000 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP2982
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace-specified devices are required, contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance, RθJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using P(MAX) = (TJ(MAX) – TA) / RθJA. The value of RθJA for the SOT-23 package is 169°C/W. Exceeding the maximum allowable power
dissipation causes excessive die temperature, and the regulator will go into thermal shutdown.
(4)
If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2982 output must be diode-clamped to
ground.
(5)
The output PNP structure contains a diode between the IN and OUT pins that is normally reverse-biased. Reversing the polarity from
VIN to VOUT turns on this diode (see Reverse Current Path).
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Operating junction temperature
−40
125
°C
Power dissipation(3)
Internally limited
Input supply voltage
−0.3
16
V
Shutdown input voltage
−0.3
16
V
Output voltage(4)
−0.3
9
V
IOUT
Short-circuit protected
Input-output voltage(5)
−0.3
16
V
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
Pins 1, 2 and 5
±2000
V
Pins 3 and 4
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operating junction temperature
−40
125
°C
Input supply voltage
2.1
16
V
ON/OFF input voltage
0
16
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com