Electronic Components Datasheet Search
  English  ▼

X  

LP2982 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2982
Description  Micropower Ultra-Low-Dropout LDO in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2982 Datasheet(HTML) 5 Page - Texas Instruments

  LP2982 Datasheet HTML 1Page - Texas Instruments LP2982 Datasheet HTML 2Page - Texas Instruments LP2982 Datasheet HTML 3Page - Texas Instruments LP2982 Datasheet HTML 4Page - Texas Instruments LP2982 Datasheet HTML 5Page - Texas Instruments LP2982 Datasheet HTML 6Page - Texas Instruments LP2982 Datasheet HTML 7Page - Texas Instruments LP2982 Datasheet HTML 8Page - Texas Instruments LP2982 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LP2982
www.ti.com
SNVS128K – MARCH 2000 – REVISED JUNE 2016
Product Folder Links: LP2982
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Thermal resistance value RθJA is based on the EIA/JEDEC High-K printed circuit board defined by: JESD51-7 - High Effective Thermal
Conductivity Test Board for Leaded Surface Mount Packages.
6.4 Thermal Information
THERMAL METRIC(1)
LP2982
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance, High-K(2)
175.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
121.8
°C/W
RθJB
Junction-to-board thermal resistance
29.5
°C/W
ψJT
Junction-to-top characterization parameter
16.1
°C/W
ψJB
Junction-to-board characterization parameter
29.0
°C/W
(1)
Temperature range are ensured through correlation using statistical quality control (SQC) methods. The limits are used to calculate
average outgoing quality level (AOQL).
(2)
Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a
1-V differential.
6.5 Electrical Characteristics
Unless otherwise specified: TJ = 25°C, VIN = VO(NOM) + 1 V, IL = 1 mA, COUT = 1 μF, VON/OFF = 2 V.
PARAMETER
TEST CONDITIONS
LP2982AI-XX(1)
LP2982I-XX(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ΔVO
Output voltage
tolerance
IL = 1 mA
−1
1
−1.5
1.5
%VNOM
1 mA < IL < 50 mA
−1.5
1.5
−2
2
1 mA < IL < 50 mA
–40°C
≤ TJ ≤ 125°C
−2
2
−3.5
3.5
ΔVO/ΔVIN
Output voltage line
regulation
VO(NOM) + 1 V ≤ VIN ≤ 16 V
0.007
0.014
0.007
0.014
%/V
VO(NOM) + 1 V ≤ VIN ≤ 16 V
–40°C
≤ TJ ≤ 125°C
0.032
0.032
VDO
Dropout voltage(2)
IL = 0 mA
1
3
1
3
mV
IL = 0 mA, –40°C ≤ TJ ≤ 125°C
5
5
IL = 1 mA
7
10
7
10
IL = 1 mA, –40°C ≤ TJ ≤ 125°C
15
15
IL = 10 mA
40
60
40
60
IL = 10 mA, –40°C ≤ TJ ≤ 125°C
90
90
IL = 50 mA
120
150
120
150
IL = 50 mA, –40°C ≤ TJ ≤ 125°C
225
225
IL = 80 mA
180
225
180
225
IL = 80 mA, –40°C ≤ TJ ≤ 125°C
325
325
IGND
Ground pin current
IL = 0 mA
65
95
65
95
μA
IL = 0 mA, –40°C ≤ TJ ≤ 125°C
125
125
IL = 1 mA
80
110
80
110
IL = 1 mA, –40°C ≤ TJ ≤ 125°C
170
170
IL = 10 mA
140
220
140
220
IL = 10 mA, –40°C ≤ TJ ≤ 125°C
460
460
IL = 50 mA
375
600
375
600
IL = 50 mA, –40°C ≤ TJ ≤ 125°C
1200
1200
IL = 80 mA
525
750
525
750
IL = 80 mA, –40°C ≤ TJ ≤ 125°C
1400
1400
VON/OFF < 0.3 V
0.01
0.8
0.01
0.8
VON/OFF < 0.15 V
–40°C
≤ TJ ≤ 125°C
0.1
2
0.1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com