Electronic Components Datasheet Search
  English  ▼

X  

LP2982 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP2982
Description  Micropower Ultra-Low-Dropout LDO in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2982 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2982 Datasheet HTML 10Page - Texas Instruments LP2982 Datasheet HTML 11Page - Texas Instruments LP2982 Datasheet HTML 12Page - Texas Instruments LP2982 Datasheet HTML 13Page - Texas Instruments LP2982 Datasheet HTML 14Page - Texas Instruments LP2982 Datasheet HTML 15Page - Texas Instruments LP2982 Datasheet HTML 16Page - Texas Instruments LP2982 Datasheet HTML 17Page - Texas Instruments LP2982 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
LP2982
SNVS128K – MARCH 2000 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP2982
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.4 Low Ground Current
The LP2982 uses a vertical PNP process which allows for quiescent currents that are considerably lower than
those associated with traditional lateral PNP regulators, typically 375 μA at 50-mA load and 80 μA at 1-mA load.
7.3.5 Sleep Mode
When pulling the ON/OFF pin to a low level (VON/OFF < 0.15 V), LP2982 enters sleep mode, and less than 1-μA
quiescent current is consumed. This function is designed for the application which needs a sleep mode to
effectively enhance battery life cycle.
7.3.6 Short-Circuit Protection (Current Limit)
The internal current-limit circuit is used to protect the LDO against high-load current faults or shorting events. The
LDO is not designed to operate in a steady-state current limit. During a current-limit event, the LDO sources
constant current. Therefore, the output voltage falls when load impedance decreases. If a current limit occurs
and the resulting output voltage is low, excessive power may be dissipated across the LDO resulting in a thermal
shutdown of the output. A foldback feature limits the short-circuit current to protect the regulator from damage
under all load conditions. If OUT is forced below 0 V before EN goes high, and the load current required exceeds
the foldback current limit, the device may not start up correctly.
7.3.7 Thermal Protection
The LP2982 contains a thermal shutdown protection circuit to turn off the output current when excessive heat is
dissipated in the LDO. The thermal time-constant of the semiconductor die is fairly short, and thus the output
cycles on and off at a high rate when thermal shutdown is reached until the power dissipation is reduced. The
internal protection circuitry of the LM2982 is designed to protect against thermal overload conditions. The
circuitry is not intended to replace proper heat sinking. Continuously running the device into thermal shutdown
degrades its reliability.
7.4 Device Functional Modes
7.4.1 Operation with VOUT(TARGET) + 1 V ≤ VIN < 16 V
The device operates if the input voltage is equal to, or exceeds, VOUT(TARGET) + 0.6 V. At input voltages below the
minimum VIN requirement, the device does not operate correctly, and output voltage may not reach target value.
7.4.2 Operation With ON/OFF Control
If the voltage on the ON/OFF pin is less than 0.15 V, the device is disabled, and the shutdown current does not
exceed 1 μA. Raising ON/OFF above 1.4 V initiates the start-up sequence of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com