Electronic Components Datasheet Search
  English  ▼

X  

LP2982 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP2982
Description  Micropower Ultra-Low-Dropout LDO in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2982 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP2982 Datasheet HTML 13Page - Texas Instruments LP2982 Datasheet HTML 14Page - Texas Instruments LP2982 Datasheet HTML 15Page - Texas Instruments LP2982 Datasheet HTML 16Page - Texas Instruments LP2982 Datasheet HTML 17Page - Texas Instruments LP2982 Datasheet HTML 18Page - Texas Instruments LP2982 Datasheet HTML 19Page - Texas Instruments LP2982 Datasheet HTML 20Page - Texas Instruments LP2982 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
VIN
VOUT
PNP
GND
17
LP2982
www.ti.com
SNVS128K – MARCH 2000 – REVISED JUNE 2016
Product Folder Links: LP2982
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
8.2.2.2 Capacitor Characteristics
8.2.2.2.1
Tantalum
Tantalum capacitors are the best choice for use with the LP2982. Most good quality tantalums can be used with
the LP2982, but check the manufacturer's data sheet to be sure the ESR is in range.
It is important to remember that ESR increases at lower temperatures and a capacitor that is near the upper limit
for stability at room temperature can cause instability when it gets cold.
In applications which must operate at very low temperatures, it may be necessary to parallel the output tantalum
capacitor with a ceramic capacitor to prevent the ESR from going up too high (see Ceramic for important
information on ceramic capacitors).
8.2.2.2.2
Ceramic
TI does not recommend use of ceramic capacitors at the output of the LP2982. This is because the ESR of a
ceramic can be low enough to go below the minimum stable value for the LP2982. A 2.2-μF ceramic was
measured and found to have an ESR of about 15 mΩ, which is low enough to cause oscillations.
If a ceramic capacitor is used on the output, a 1-Ω resistor must be placed in series with the capacitor.
8.2.2.2.3
Aluminum
Because of large physical size, aluminum electrolytics are not typically used with the LP2982. They must meet
the same ESR requirements over the operating temperature range, more difficult because of their steep increase
at cold temperature.
An aluminum electrolytic can exhibit an ESR increase of as much as 50× when going from 20°C to
−40°C. Also,
some aluminum electrolytics are not operational below
−25°C because the electrolyte can freeze.
8.2.2.3 Reverse Current Path
The internal PNP power transistor used as the pass element in the LP2982 has an inherent diode connected
between the regulator output and input. During normal operation (where the input voltage is higher than the
output) this diode is reverse biased (see Figure 38).
Figure 38. LP2982 Reverse Current Path
However, if the input voltage is more than a VBE below the output voltage, this diode will turn ON and current will
flow into the regulator output. In such cases, a parasitic SCR can latch which will allow a high current to flow into
the VIN pin and out the ground pin, which can damage the part.
The internal diode can also be turned on if the input voltage is abruptly stepped down to a voltage which is a VBE
below the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com