Electronic Components Datasheet Search
  English  ▼

X  

TLC2272AMD Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AMD
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AMD Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC2272AMD Datasheet HTML 14Page - Texas Instruments TLC2272AMD Datasheet HTML 15Page - Texas Instruments TLC2272AMD Datasheet HTML 16Page - Texas Instruments TLC2272AMD Datasheet HTML 17Page - Texas Instruments TLC2272AMD Datasheet HTML 18Page - Texas Instruments TLC2272AMD Datasheet HTML 19Page - Texas Instruments TLC2272AMD Datasheet HTML 20Page - Texas Instruments TLC2272AMD Datasheet HTML 21Page - Texas Instruments TLC2272AMD Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
10
1
0.1
1000
100
100
1 k
10 k
100 k
1 M
f − Frequency − Hz
VDD = 5 V
TA = 25°C
AV = 100
AV = 10
AV = 1
10
1
0.1
1000
100
100
1 k
10 k
100 k
1 M
f − Frequency − Hz
VDD = ± 5 V
TA = 25°C
AV = 100
AV = 10
AV = 1
− 75
−50
− 25
0
25
50
75
100
125
10
100
1 k
TA − Free-Air Temperature − °C
VDD = 5 V
VIC = 2.5 V
VO = 1 V to 4 V
RL = 1 MΩ
RL = 10 kΩ
− 75
−50
− 25
0
25
50
75
100
125
10
100
1 k
TA − Free-Air Temperature − °C
RL = 1 MΩ
RL = 10 kΩ
VDD = ± 5 V
VIC = 0 V
VO = ± 4 V
0
20
1 k
10 k
100 k
1 M
40
60
80
f − Frequency − Hz
10 M
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
− 20
− 40
− 90°
− 45°
0°
45°
90°
135°
180°
0
20
1 k
10 k
100 k
1 M
40
60
80
f − Frequency − Hz
10 M
VDD = ± 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
− 20
− 40
− 90
°
− 45
°
0
°
45
°
90
°
135
°
180
°
18
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Figure 25. Large-Signal Differential Voltage Amplification
and Phase Margin vs Frequency
Figure 26. Large-Signal Differential Voltage Amplification
and Phase Margin vs Frequency
Figure 27. Large-Signal Differential Voltage Amplification vs
Free-Air Temperature
Figure 28. Large-Signal Differential Voltage Amplification vs
Free-Air Temperature
Figure 29. Output Impedance vs Frequency
Figure 30. Output Impedance vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com