Electronic Components Datasheet Search
  English  ▼

X  

TLC2272AMD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AMD
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AMD Datasheet(HTML) 1 Page - Texas Instruments

  TLC2272AMD Datasheet HTML 1Page - Texas Instruments TLC2272AMD Datasheet HTML 2Page - Texas Instruments TLC2272AMD Datasheet HTML 3Page - Texas Instruments TLC2272AMD Datasheet HTML 4Page - Texas Instruments TLC2272AMD Datasheet HTML 5Page - Texas Instruments TLC2272AMD Datasheet HTML 6Page - Texas Instruments TLC2272AMD Datasheet HTML 7Page - Texas Instruments TLC2272AMD Datasheet HTML 8Page - Texas Instruments TLC2272AMD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
|VDD ±| − Supply Voltage − V
10
8
6
4
4
6
8
12
14
16
10
12
14
16
TA = 25°C
IO = ± 50 µA
IO = ± 500 µA
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
1
1 Features
1
•
Output Swing Includes Both Supply Rails
•
Low Noise: 9 nV/
√Hz Typical at f = 1 kHz
•
Low-Input Bias Current: 1-pA Typical
•
Fully-Specified for Both Single-Supply and Split-
Supply Operation
•
Common-Mode Input Voltage Range Includes
Negative Rail
•
High-Gain Bandwidth: 2.2-MHz Typical
•
High Slew Rate: 3.6-V/
μs Typical
•
Low Input Offset Voltage: 950
μV Maximum at
TA = 25°C
•
Macromodel Included
•
Performance Upgrades for the TLC272 and
TLC274
•
Available in Q-Temp Automotive
2 Applications
•
White Goods (Refrigerators, Washing Machines)
•
Hand-held Monitoring Systems
•
Configuration Control and Print Support
•
Transducer Interfaces
•
Battery-Powered Applications
3 Description
The TLC2272 and TLC2274 are dual and quadruple
operational amplifiers from Texas Instruments. Both
devices exhibit rail-to-rail output performance for
increased dynamic range in single- or split-supply
applications. The TLC227x family offers 2 MHz of
bandwidth and 3 V/
μs of slew rate for higher-speed
applications. These devices offer comparable AC
performance while having better noise, input offset
voltage, and power dissipation than existing CMOS
operational amplifiers. The TLC227x has a noise
voltage of 9 nV/
√Hz, two times lower than competitive
solutions.
The TLC227x family of devices, exhibiting high input
impedance and low noise, is excellent for small-signal
conditioning for high-impedance sources such as
piezoelectric transducers. Because of the micropower
dissipation levels, these devices work well in hand-
held monitoring and remote-sensing applications. In
addition, the rail-to-rail output feature, with single- or
split-supplies, makes this family a great choice when
interfacing with analog-to-digital converters (ADCs).
For precision applications, the TLC227xA family is
available with a maximum input offset voltage of
950
μV. This family is fully characterized at 5 V and
±5 V.
The TLC227x also make great upgrades to the
TLC27x in standard designs. They offer increased
output dynamic range, lower noise voltage, and lower
input offset voltage. This enhanced feature set allows
them to be used in a wider range of applications. For
applications that require higher output drive and wider
input voltage range, see the TLV2432 and TLV2442
devices.
If the design requires single amplifiers, see the
TLV2211, TLV2221 and TLV2231 family. These
devices are single rail-to-rail operational amplifiers in
the SOT-23 package. Their small size and low power
consumption make them ideal for high density,
battery-powered equipment.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLC2272
TSSOP (8)
4.40 mm × 3.00 mm
SOIC (8)
3.91 mm × 4.90 mm
SO (8)
5.30 mm × 6.20 mm
PDIP (8)
6.35 mm × 9.81 mm
TLC2274
TSSOP (14)
4.40 mm × 5.00 mm
SOIC (14)
3.91 mm × 8.65 mm
SO (14)
5.30 mm × 10.30
mm
PDIP (14)
6.35 mm × 19.30
mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Maximum Peak-to-Peak Output Voltage vs
Supply Voltage


Similar Part No. - TLC2272AMD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272AMD TI-TLC2272AMD Datasheet
816Kb / 52P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272AMD TI-TLC2272AMD Datasheet
816Kb / 52P
Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272AMD TI-TLC2272AMD Datasheet
1Mb / 64P
Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272AMD TI-TLC2272AMD Datasheet
1Mb / 67P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272AMD TI-TLC2272AMD Datasheet
2Mb / 77P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2272AMD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC226X TI-TLC226X Datasheet
932Kb / 59P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X-Q1 TI-TLC227X-Q1 Datasheet
635Kb / 35P
ADVANCED LINCMOS RAIL-TO -RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com