Electronic Components Datasheet Search
  English  ▼

X  

TLC2272AMD Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AMD
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AMD Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLC2272AMD Datasheet HTML 20Page - Texas Instruments TLC2272AMD Datasheet HTML 21Page - Texas Instruments TLC2272AMD Datasheet HTML 22Page - Texas Instruments TLC2272AMD Datasheet HTML 23Page - Texas Instruments TLC2272AMD Datasheet HTML 24Page - Texas Instruments TLC2272AMD Datasheet HTML 25Page - Texas Instruments TLC2272AMD Datasheet HTML 26Page - Texas Instruments TLC2272AMD Datasheet HTML 27Page - Texas Instruments TLC2272AMD Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
Q3
Q6
Q9
Q12
Q14
Q16
Q2
Q5
Q7
Q8
Q10
Q11
D1
Q17
Q15
Q13
Q4
Q1
R5
C1
VDD +
IN +
IN −
R3
R4
R1
R2
OUT
VDD−
24
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLC227x and TLC227xA families of devices are rail-to-rail output operational amplifiers. These devices
operate from 4.4-V to 16-V single supply and ±2.2-V ±8-V dual supply, are unity-gain stable, and are suitable for
a wide range of general-purpose applications.
7.2 Functional Block Diagram
(1)
Includes both amplifiers and all ESD, bias, and trim circuitry.
Table 2. Device Component Count(1)
Component
TLC2272
TLC2274
Transistors
38
76
Resistors
26
52
Diodes
9
18
Capacitors
3
6
7.3 Feature Description
The TLC227x and TLC227xA family of devices feature 2-MHz bandwidth and voltage noise of 9 nV/
√Hz with
performance rated from 4.4 V to 16 V across an automotive temperature range (–40°C to 125°C). LinMOS suits
a wide range of audio, automotive, industrial, and instrumentation applications.
7.4 Device Functional Modes
The TLC227x and TLC227xA families of devices is powered on when the supply is connected. The devices may
operate with single or dual supply, depending on the application. The devices are in its full performance once the
supply is above the recommended value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com