Electronic Components Datasheet Search
  English  ▼

X  

TLC2272AMD Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AMD
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AMD Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC2272AMD Datasheet HTML 10Page - Texas Instruments TLC2272AMD Datasheet HTML 11Page - Texas Instruments TLC2272AMD Datasheet HTML 12Page - Texas Instruments TLC2272AMD Datasheet HTML 13Page - Texas Instruments TLC2272AMD Datasheet HTML 14Page - Texas Instruments TLC2272AMD Datasheet HTML 15Page - Texas Instruments TLC2272AMD Datasheet HTML 16Page - Texas Instruments TLC2272AMD Datasheet HTML 17Page - Texas Instruments TLC2272AMD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
0.5
0
−1
−1
0
1
1
2
3
4
5
VIC − Common-Mode Voltage − V
VDD = 5 V
TA = 25°C
RS = 50 Ω
− 0.5
0.5
0
−1
−1
0
1
1
2
3
4
5
VIC − Common-Mode Voltage − V
− 0.5
VDD = ± 5 V
TA = 25°C
RS = 50 Ω
− 6 − 5 − 4 − 3 − 2
VIO − Input Offset Voltage − mV
10
5
0
20
15
0
0.4
0.8
1.2
1.6
992 Amplifiers From
− 1.6 −1.2
− 0.8
−0.4
2 Wafer Lots
VDD = ± 2.5 V
VIO − Input Offset Voltage − mV
10
5
0
20
15
0
0.4
0.8
1.2
1.6
992 Amplifiers From
− 1.6 −1.2
−0.8
−0.4
2 Wafer Lots
VDD = ± 5 V
VIO − Input Offset Voltage − mV
10
5
0
20
15
−1.6
−1.2
0
0.4
0.8
1.2
1.6
891 Amplifiers From
− 0.8 − 0.4
2 Wafer Lots
VDD = ± 2.5 V
TA = 25°C
VIO − Input Offset Voltage − mV
10
5
0
20
15
−1.6
−1.2
0
0.4
0.8
1.2
1.6
− 0.8 − 0.4
891 Amplifiers From
2 Wafer Lots
VDD = ± 5 V
TA = 25°C
14
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Figure 1. Distribution of TLC2272 Input Offset Voltage
Figure 2. Distribution of TLC2272 Input Offset Voltage
Figure 3. Distribution of TLC2274 Input Offset Voltage
Figure 4. Distribution of TLC2274 Input Offset Voltage
Figure 5. Input Offset Voltage vs Common-Mode Voltage
Figure 6. Input Offset Voltage vs Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com