Electronic Components Datasheet Search
  English  ▼

X  

LP3952 Datasheet(PDF) 20 Page - Texas Instruments

Part # LP3952
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP3952 Datasheet HTML 16Page - Texas Instruments LP3952 Datasheet HTML 17Page - Texas Instruments LP3952 Datasheet HTML 18Page - Texas Instruments LP3952 Datasheet HTML 19Page - Texas Instruments LP3952 Datasheet HTML 20Page - Texas Instruments LP3952 Datasheet HTML 21Page - Texas Instruments LP3952 Datasheet HTML 22Page - Texas Instruments LP3952 Datasheet HTML 23Page - Texas Instruments LP3952 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
0
-100
kHz
0
4.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-10
-20
-30
-40
-50
-60
-70
-80
-90
BANDPASS
LOWPASS
HIPASS
0
-100
kHz
0
8.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
-10
-20
-30
-40
-50
-60
-70
-80
-90
BANDPASS
LOWPASS
HIPASS
LP3952
SNVS518A – JULY 2007 – REVISED MARCH 2013
www.ti.com
Audio_sync_CTRL2 (2BH)
0 – averaging disabled (not applicable in audio sync mode)
EN_AVG
Bit 4
1 – averaging enabled (not applicable in audio sync mode)
MODE_CTRL[1:0]
Bits 3-2
See below: Mode control
Sets the LEDs light response time to audio input.
[00] = FASTEST (default)
[01] = FAST
SPEED_CTRL[1:0]
Bits 1-0
[10] = MEDIUM
[11] = SLOW
(For SLOW setting in amplitude mode fMAX= 3.8 Hz,
Frequency mode fMAX = 7.6 Hz)
MODE CONTROL IN FREQUENCY MODE (1.65V
≤ VDDIO ≤ VDD1,2V) (unless otherwise noted)
Mode control has two setups based on audio synchronization mode select: the frequency mode and the
amplitude mode. During the frequency mode user can select two filter options by MODE_CTRL as shown
below. User can select the filters based on the music type and light effect requirements. In the first mode the
frequency range extends to 8 kHz in the secont to 4 kHz.
The lowpass filter is used for the red, the bandpass filter for the blue and the hipass filter for the green LED.
Higher Frequency Mode
MODE_CTRL = 00 and SYNC_MODE = 1
Lower Frequency Mode
MODE_CTRL = 01 and SYNC_MODE = 1
MODE CONTROL IN AMPLITUDE MODE (1.65V
≤ VDDIO ≤ VDD1,2V) (unless otherwise noted)
During the amplitude synchronization mode user can select between three different amplitude mappings by
using MODE_CTRL select. These three mapping options give different light response. The modes are presented
in the following graphs.
20
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com