Electronic Components Datasheet Search
  English  ▼

X  

LP3952 Datasheet(PDF) 15 Page - Texas Instruments

Part # LP3952
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP3952 Datasheet HTML 11Page - Texas Instruments LP3952 Datasheet HTML 12Page - Texas Instruments LP3952 Datasheet HTML 13Page - Texas Instruments LP3952 Datasheet HTML 14Page - Texas Instruments LP3952 Datasheet HTML 15Page - Texas Instruments LP3952 Datasheet HTML 16Page - Texas Instruments LP3952 Datasheet HTML 17Page - Texas Instruments LP3952 Datasheet HTML 18Page - Texas Instruments LP3952 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
100
0
R[2:0], G[2:0], B[2:0]
000
111
001
010
011
101
110
100
80
60
40
20
LOG=0
LOG=1
LP3952
www.ti.com
SNVS518A – JULY 2007 – REVISED MARCH 2013
COLOR INTENSITY CONTROL (1.65V
≤ VDDIO ≤ VDD1,2V) (unless otherwise noted)
Each color has 3-bit intensity level. Level control is logarithmic, 2 curves are selectable. The LOG bit in register
11H defines the curve used as seen in the following table.
CURRENT
R[2:0], G[2:0],
[% × IMAX(COLOR)]
B[2:0]
LOG=0
LOG=1
000
0
0
001
7
1
010
14
2
011
21
4
100
32
10
101
46
21
110
71
46
111
100
100
COMMAND EXECUTION TIME (CET) AND TRANSITION TIME (TT) (1.65V
≤ VDDIO ≤ VDD1,2V) (unless
otherwise noted)
The command execution time CET is the duration of one single command. Command execution times are
defined as follows, when RT=82kΩ:
CET [3:0]
CET duration, ms
0000
197
0001
393
0010
590
0011
786
0100
983
0101
1180
0110
1376
0111
1573
1000
1769
1001
1966
1010
2163
1011
2359
1100
2556
1101
2753
1110
2949
1111
3146
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com