Electronic Components Datasheet Search
  English  ▼

X  

LP3952 Datasheet(PDF) 27 Page - Texas Instruments

Part # LP3952
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP3952 Datasheet HTML 23Page - Texas Instruments LP3952 Datasheet HTML 24Page - Texas Instruments LP3952 Datasheet HTML 25Page - Texas Instruments LP3952 Datasheet HTML 26Page - Texas Instruments LP3952 Datasheet HTML 27Page - Texas Instruments LP3952 Datasheet HTML 28Page - Texas Instruments LP3952 Datasheet HTML 29Page - Texas Instruments LP3952 Datasheet HTML 30Page - Texas Instruments LP3952 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDA
start
Id = 54h
w
ack
addr = 02h
ack
ack
address 02h data
stop
ADR6
Bit7
ADR5
bit6
ADR4
bit5
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
MSB
LSB
I
2
C SLAVE address (chip address)
SDA
SCL
S
P
START condition
STO
P condition
LP3952
www.ti.com
SNVS518A – JULY 2007 – REVISED MARCH 2013
TRANSFERRING DATA
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) being transferred first.
Each byte of data has to be followed by an acknowledge bit. The acknowledge related clock pulse is generated
by the master. The transmitter releases the SDA line (HIGH) during the acknowledge clock pulse. The receiver
must pull down the SDA line during the 9th clock pulse, signifying an acknowledge. A receiver which has been
addressed must generate an acknowledge after each byte has been received.
After the START condition, the I2C master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). The LP3952 address is 54h or 55H as selected with ADDR_SEL
pin. I2C address for LP3952 is 54H when ADDR_SEL=0 and 55H when ADDR_SEL=1. For the eighth bit, a
“0” indicates a WRITE and a “1” indicates a READ. The second byte selects the register to which the data will be
written. The third byte contains data to write to the selected register.
Figure 16. I2C Chip Address
Register changes take an effect at the SCL rising edge during the last ACK from slave.
w = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled down by either master or slave)
rs = repeated start
id = 7-bit chip address, 54H (ADDR_SEL=0) or 55H (ADDR_SEL=1) for LP3952.
Figure 17. I2C Write Cycle
When a READ function is to be accomplished, a WRITE function must precede the READ function, as shown in the Read Cycle waveform.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com