Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 14Page - Texas Instruments LP3971 Datasheet HTML 15Page - Texas Instruments LP3971 Datasheet HTML 16Page - Texas Instruments LP3971 Datasheet HTML 17Page - Texas Instruments LP3971 Datasheet HTML 18Page - Texas Instruments LP3971 Datasheet HTML 19Page - Texas Instruments LP3971 Datasheet HTML 20Page - Texas Instruments LP3971 Datasheet HTML 21Page - Texas Instruments LP3971 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
VOUT
TIME (4 Ps/DIV)
200 mA/DIV
IL
VSW
2V/DIV
20 mV/DIV
AC Coupled
VIN = 3.6V
VOUT = 1.5V
IOUT = 20 mA
VOUT
TIME (200 ns/DIV)
200 mA/DIV
IL
VSW
2V/DIV
10 mV/DIV
AC Coupled
VIN = 3.6V
VOUT = 1.5V
IOUT = 400 mA
LP3971
SNVS432V – JANUARY 2006 – REVISED MAY 2013
www.ti.com
Figure 16. Typical PWM Operation
Internal Synchronous Rectification
While in PWM mode, the converters uses an internal NFET as a synchronous rectifier to reduce rectifier forward
voltage drop and associated power loss. Synchronous rectification provides a significant improvement in
efficiency whenever the output voltage is relatively low compared to the voltage drop across an ordinary rectifier
diode.
Current Limiting
A current limit feature allows the converters to protect itself and external components during overload conditions.
PWM mode implements current limiting using an internal comparator that trips at 2.0 A (typ). If the output is
shorted to ground the device enters a timed current limit mode where the NFET is turned on for a longer duration
until the inductor current falls below a low threshold, ensuring inductor current has more time to decay, thereby
preventing runaway.
PFM OPERATION
At very light loads, the converter enters PFM mode and operates with reduced switching frequency and supply
current to maintain high efficiency.
The part will automatically transition into PFM mode when either of two conditions occurs for a duration of 32 or
more clock cycles:
A:
The inductor current becomes discontinuous.
B:
The peak PMOS switch current drops below the IMODE level, (Typically IMODE < 30 mA + VIN/42Ω).
Figure 17. Typical PFM Operation
18
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com