Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 20Page - Texas Instruments LP3971 Datasheet HTML 21Page - Texas Instruments LP3971 Datasheet HTML 22Page - Texas Instruments LP3971 Datasheet HTML 23Page - Texas Instruments LP3971 Datasheet HTML 24Page - Texas Instruments LP3971 Datasheet HTML 25Page - Texas Instruments LP3971 Datasheet HTML 26Page - Texas Instruments LP3971 Datasheet HTML 27Page - Texas Instruments LP3971 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
LP3971
SNVS432V – JANUARY 2006 – REVISED MAY 2013
www.ti.com
SYSTEM CONTROL REGISTER 1 (SCR1) 8H'07
Bit
7
6
5
4
3
2
1
0
Designation
BPSEN
Reserved
SENDL**
FPWM3
FPWM2
FPWM1
ECEN
Reset Value
0
1
1**
0**
0
0
0
0
SYSTEM CONTROL REGISTER 1 (SCR1) 8H'07 DEFINITIONS
Bit
Access
Name
Description
7
R/W
BPSEN
Bypass System enable safety Lock. Prevents activation of PWR_EN when SYS_EN is low.
0 = PWR_EN “AND” with SYS_EN signal
1 = PWR_EN independent of SYS_EN
6
—
—
Reserved
5:4
R/W
SENDL
Delay time for High Voltage Power Domains LDO2, LDO3, LDO4, Buck2, and Buck3 after activation
of SYS_EN. VCC_LDO1 has no delay.
Data Code
Delay mS
Notes
2h'0
0.0
2h'1
0.5
2h'2
1.0
Default
2h'3
1.4
3
R/W
FPWM3
Buck 3 PWM/PFM Mode Select
0 - Auto Switch between PFM and PWM operation
1 - PWM Mode Only will not switch to PFM
2
R/W
FPWM2
Buck 2 PWM/PFM Mode Select
0 - Auto Switch between PFM and PWM operation
1 - PWM Mode Only will not switch to PFM
1
R/W
FPWM1
Buck 1 PWM/PFM Mode Select
0 - Auto Switch between PFM and PWM operation
1 - PWM Mode Only will not switch to PFM
0
R/W
ECEN
External Clock Select
0 = Internal Oscillator clock for Buck Converters
1 = External 13 MHz Oscillator clock for Buck Converters
BACKUP BATTERY CHARGER CONTROL REGISTER (BBCC) 8H'0B
Bit
7
6
5
4
3
2
1
0
Designation
NBUB
CNBFL
nBFLT
BUCEN
IBUC
Reset Value
0
0
0
1
0
0
0
1
BACKUP BATTERY CHARGER CONTROL REGISTER (BBCC) 8H'0B DEFINITIONS
Bit
Access
Name
Description
7
R/W
NBUB
No back-up battery default setting. Logic will not allow switch over to back-up
battery.
0 = Back up Battery Enabled
1 = Back up Battery Disabled
6
---
---
Reserved
5:3
R/W
BFLT
nBATT_FLT monitors the battery voltage and can be set to the De-assert
voltages listed below.
Data Code
Asserted
De-Asserted
3h'00
2.4
2.6
3h'01
2.6
2.8
3h'02
2.8
3.0
3h'03
3.0
3.2
3h'04
3.2
3.4
3h'05
3.4
3.6
24
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com