Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 6Page - Texas Instruments LP3971 Datasheet HTML 7Page - Texas Instruments LP3971 Datasheet HTML 8Page - Texas Instruments LP3971 Datasheet HTML 9Page - Texas Instruments LP3971 Datasheet HTML 10Page - Texas Instruments LP3971 Datasheet HTML 11Page - Texas Instruments LP3971 Datasheet HTML 12Page - Texas Instruments LP3971 Datasheet HTML 13Page - Texas Instruments LP3971 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
0
200
400
600
800
1000
1200
LOAD CURRENT (mA)
0
50
100
150
200
250
300
REG1 3.3V OUTPUT
0
200
400
600
800
1000
1200
LOAD CURRENT (mA)
-100
-50
0
50
100
150
200
REG1 3.3V OUTPUT
VIN = 3.6V
REG2 2.5V OUTPUT
REG3 1.3V OUTPUT
LP3971
SNVS432V – JANUARY 2006 – REVISED MAY 2013
www.ti.com
LDO 1 to 5
Unless otherwise noted, VIN = 3.6V, CIN = 1.0 μF, COUT = 0.47 µF, COUT (VRTC) = 1.0 μF ceramic. Typical values and limits
appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature
range for operation,
−40°C to +125°C.
(1) (2) (3) (4) (5) (6) and (7).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT
Output Voltage Accuracy (Default VOUT)
Load Current = 1 mA
−3
3
%
Accuracy
ΔVOUT
Line Regulation
VIN =3.1V to 5.0V,
(8) Load Current = 1 mA
0.15
%/V
Load Regulation
VIN = 3.6V,
0.011
%/mA
Load Current = 1 mA to IMAX
ISC
Short Circuit Current Limit
LDO1–4, VOUT = 0V
400
mA
LDO5, VOUT = 0V
500
VIN - VOUT
Dropout Voltage
Load Current = 50 mA (3)
150
mV
PSRR
Power Supply Ripple Rejection
f = 10 kHz, Load Current = IMAX
45
dB
IQ
Quiescent Current “On”
IOUT = 0 mA
40
Quiescent Current “On”
IOUT = IMAX
60
µA
Quiescent Current “Off”
EN is de-asserted
0.03
TON
Turn On Time
Start up from Shut-down
300
μsec
COUT
Output Capacitor
Capacitance for Stability
0.33
0.47
0°C
≤ TJ ≤ 125°C
µF
−40°C ≤ TJ ≤ 125°C
0.68
1.0
ESR
5
500
m
Ω
(1)
All voltages are with respect to the potential at the GND pin.
(2)
All limits specified at room temperature and at temperature extremes. All room temperature limits are production tested, specified
through statistical analysis or by design. All limits at temperature extremes are specified via correlation using standard Statistical Quality
Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value.
(4)
LDO_RTC voltage can track LDO1 voltage. LP3971 has a tracking function (nIO_TRACK). When enabled, LDO_RTC voltage will track
LDO1 voltage within 200mV down to 2.8V when LDO1 is enabled.
(5)
VIN minimum for line regulation values is 2.7V for LDOs 1–3 and 1.8V for LDOs 4 and 5. Condition does not apply to input voltages
below the minimum input operating voltage.
(6)
An increase in the load current results in a slight decrease in the output voltage and vice versa.
(7)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply for input voltages below 2.7V for LDOs 1–3 and 1.8V for LDOs 4 and 5.
(8)
VIN minimum for line regulation values is 2.7V for LDOs 1–3 and 1.8V for LDOs 4 and 5. Condition does not apply to input voltages
below the minimum input operating voltage.
LDO Dropout Voltage vs. Load Current Collect Data For All LDO’s
Dropout Voltage
Change in Output Voltage
vs.
vs.
Load Current
Load Current
Figure 4.
Figure 5.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com