Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 27Page - Texas Instruments LP3971 Datasheet HTML 28Page - Texas Instruments LP3971 Datasheet HTML 29Page - Texas Instruments LP3971 Datasheet HTML 30Page - Texas Instruments LP3971 Datasheet HTML 31Page - Texas Instruments LP3971 Datasheet HTML 32Page - Texas Instruments LP3971 Datasheet HTML 33Page - Texas Instruments LP3971 Datasheet HTML 34Page - Texas Instruments LP3971 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
LP3971
www.ti.com
SNVS432V – JANUARY 2006 – REVISED MAY 2013
BUCK 2 VOLTAGE RAMP CONTROL REGISTER (B2RC) 8H'2B DEFINITIONS
Bit
Access
Name
Description
7:5
—
—
Reserved
4:0
R/W
B2RS
DVM Ramp Speed
Ramp Rate
Data Code
(mV/µs)
4h'0
Instant
4h'1
1
4h'2
2
4h'3
3
4h'4
4
4h'5
5
4h'6
6
4h'7
7
4h'8
8
4h'9
9
4h'A
10
BUCK 3 TARGET VOLTAGE 1 REGISTER (B3TV1) 8H'32
Bit
7
6
5
4
3
2
1
0
Designation
Reserved
Buck 3 Output Voltage (B3OV)**
Reset Value
0
0
0
1**
0**
1**
0**
0**
BUCK 3 TARGET VOLTAGE 1 REGISTER (B3TV1) 8H'32 DEFINITIONS
Bit
Access
Name
Description
7:5
—
—
Reserved
4:0
R/W
B3OV
Output Voltage
Data Code
(V)
Data Code
(V)
5h'01
0.80
5h'0D
1.40
5h'02
0.85
5h'0E
1.45
5h'03
0.90
5h'0F
1.50
5h'04
0.95
5h'11
1.60
5h'05
1.00
5h'12
1.65
5h'06
1.05
5h'13
1.70
5h'07
1.10
5h'14
1.80
5h'08
1.15
5h'15
1.90
5h'09
1.20
5h'16
2.50
5h'0A
1.25
5h'17
2.80
5h'0B
1.30
5h'18
3.00
5h'0C
1.35
5h'19
3.30
BUCK 3 TARGET VOLTAGE 2 REGISTER (B3TV2) 8H'33
Bit
7
6
5
4
3
2
1
0
Designation
Reserved
Buck 2 Output Voltage (B2OV)**
Reset Value
0
0
0
1**
0**
1**
0**
0**
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com