Electronic Components Datasheet Search
  English  ▼

X  

HV528 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV528
Description  16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV528 Datasheet(HTML) 1 Page - Supertex, Inc

  HV528 Datasheet HTML 1Page - Supertex, Inc HV528 Datasheet HTML 2Page - Supertex, Inc HV528 Datasheet HTML 3Page - Supertex, Inc HV528 Datasheet HTML 4Page - Supertex, Inc HV528 Datasheet HTML 5Page - Supertex, Inc HV528 Datasheet HTML 6Page - Supertex, Inc HV528 Datasheet HTML 7Page - Supertex, Inc HV528 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
HV528
Features
HVCMOS® technology
Output voltage up to +200V
Shift register speed 500kHz @ V
DD = 1.7V
16 high voltage outputs
High voltage backplane driver
CMOS input levels
Applications
Multiple segment EL display
Piezoelectric transducer driver
Braille driver
►
►
►
►
►
►
►
►
►
Typical Application Circuit
16-Channel Serial to Parallel Converter
with High Voltage Backplane Driver and Push-Pull Outputs
General Description
The HV528 is a 200V, 16-channel serial to parallel converter.
The high voltage outputs and the backplane driver are
designed to source and sink ±1.0mA.
The high voltage outputs are controlled by a 16-bit serial shift
register, followed by a 16-bit latch. Data is shifted through
the shift registers during the low to high clock transition. A
data output buffer is provided for cascading multiple devices.
Data is transferred to the 16-bit latch when a logic level low is
applied to the LE input. Data is stored in the latch when LE is
high. Output states are controlled by the data in the latch and
by the POL pin.
Micro
Processor
EL
Segment
Panel
Low Voltage
Power Supply
High Voltage
Power Supply
DIN
CLK
LE
POL
DOUT
to DIN of another HV528 for cascading (if needed)
16
Supertex HV528
HVOUT1
HVOUT16
BP
VBIAS
High
Voltage
Level
Translators
&
Push-Pull
Output
Low
Voltage
Shift
Register
Latches


Similar Part No. - HV528

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV528 SUTEX-HV528 Datasheet
703Kb / 8P
16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV528K6-G SUTEX-HV528K6-G Datasheet
703Kb / 8P
16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
More results

Similar Description - HV528

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV509 SUTEX-HV509 Datasheet
764Kb / 8P
16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV514 SUTEX-HV514 Datasheet
1Mb / 6P
8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV528 SUTEX-HV528 Datasheet
703Kb / 8P
16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV509 SUTEX-HV509_08 Datasheet
565Kb / 8P
16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com