Electronic Components Datasheet Search
  English  ▼

X  

HV528 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV528
Description  16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV528 Datasheet(HTML) 3 Page - Supertex, Inc

  HV528 Datasheet HTML 1Page - Supertex, Inc HV528 Datasheet HTML 2Page - Supertex, Inc HV528 Datasheet HTML 3Page - Supertex, Inc HV528 Datasheet HTML 4Page - Supertex, Inc HV528 Datasheet HTML 5Page - Supertex, Inc HV528 Datasheet HTML 6Page - Supertex, Inc HV528 Datasheet HTML 7Page - Supertex, Inc HV528 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
HV528
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
DC Electrical Characteristics (Over operating supply voltages and temperature, unless otherwise noted)
Sym Parameter
Min
Typ Max Units Conditions
I
DD
V
DD supply current
-
-
1.0
mA
f
CLK = 500kHz
I
DDQ
Quiescent V
DD supply current
-
-
10
µA
All logic inputs = V
DD or 0V
I
BIAS
V
BIAS supply current
-
-
100
µA
All HV
OUTS switching at 1.0kHz.
Peak I
BIAS = 200mA with all channels
switching
I
BIASQ
Quiescent V
BIAS current
-
-
10
µA
No HV
OUT switching
I
PPQ
Quiescent V
PP supply current
-
-
100
µA
V
PP = 200V, outputs are static
I
IH
High-level logic input current
-
-
10
µA
V
IH = VDD
I
IL
Low-level logic input current
-
-
-10
µA
V
IL = 0V
V
OH
High level output
HV
OUT & BP
V
PP -30V
-
-
V
IHV
OUT = -1.0mA, 50V ≤ VPP ≤ 100V
V
PP -16V
-
-
V
IHV
OUT = -1.0mA, 100V < VPP ≤ 200V
D
OUT
V
DD -1.0V
-
-
V
ID
OUT = -1.0mA
V
OL
Low level output
HV
OUT & BP
-
-
6.0
V
IHV
OUT = 1.0mA
D
OUT
-
-
1.0
V
ID
OUT = 1.0mA
C
DIN
Logic input capacitance
-
-
10
pF
---
C
DOUT
Logic output capacitance
-
-
10
pF
---
AC Electrical Characteristics (Over operating supply voltages and temperature, unless otherwise noted)
Sym Parameter
Min
Typ Max Units Conditions
f
CLK
Clock frequency
0
-
500
kHz
---
t
C
Clock high / low pulse width
1.0
-
-
µs
---
t
SU
Data setup time before clock rises
50
-
-
ns
---
t
H
Data hold time after clock rises
50
-
-
ns
---
t
CLE
LE from CLK setup time
15
-
-
ns
---
t
WLE
LE pulse width
100
-
-
ns
---
t
DD
Clock negative edge to D
OUT delay
-
-
150
ns
C
LDOUT = 50pF,
(C
LDOUT includes CDIN and CDOUT)
t
PHV
Delay time from inputs for
HV
OUT / BP to start rise/fall
-
-
500
ns
V
PP = 200V, VBIAS = 5.4V
t
OR
HV
OUTPUT / BP rise time
-
-
300
µs
C
L = 1500pF, VPP = 200V
t
OF
HV
OUTPUT / BP fall time
-
-
300
µs
C
L = 1500pF, VBIAS = 5.4V, VPP = 200V
t
OC
Width of POL pulses
t
PHV + tOR/tOF
-
-
µs
---



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com