Electronic Components Datasheet Search
  English  ▼

X  

HV528 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV528
Description  16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV528 Datasheet(HTML) 2 Page - Supertex, Inc

  HV528 Datasheet HTML 1Page - Supertex, Inc HV528 Datasheet HTML 2Page - Supertex, Inc HV528 Datasheet HTML 3Page - Supertex, Inc HV528 Datasheet HTML 4Page - Supertex, Inc HV528 Datasheet HTML 5Page - Supertex, Inc HV528 Datasheet HTML 6Page - Supertex, Inc HV528 Datasheet HTML 7Page - Supertex, Inc HV528 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
HV528
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Ordering Information
Device
Package Option
32-Lead QFN
5.00x5.00mm body
1.00mm height (max)
0.50mm pitch
HV528
HV528K6-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Logic supply, V
DD
-0.5V to 7.0V
High voltage supply, V
PP
215V
Translator supply voltage, V
BIAS
-0.5V to 7.0V
Logic input levels
-0.5V to V
DD +0.5V
Operating junction temperature
-40°C to +125°C
Storage temperature range
-65°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
Pin Configuration
Operating Supply Voltages and Conditions
Sym Parameter
Min
Typ Max Units Conditions
V
DD
Logic supply voltage
1.7
3.0
5.5
V
---
V
BIAS
Level translator supply voltage
5.4
-
6.6
V
---
V
PP
Positive high voltage supply
50
-
200
V
---
V
IH
High-level input voltage
0.9V
DD
-
V
DD
V
---
V
IL
Low-level input voltage
0
-
V
---
T
A
Operating temperature
0
-
+70
°C
---
Notes:
1. External ground noise reduction circuit will be provided by design upon characterization.
Power-up sequence should be the following*:
1. Apply ground
2. Apply V
DD
3. Set all inputs (D
IN, CLK, LE , POL) to a known state
4. Apply V
BIAS
5. Apply V
PP
Power-down sequence should be the reverse of the above
* This power up sequence requires an external high voltage diode between V
DD and VPP. Without the diode, power up VPP to a VDD level first to bias
the silicon substrate. After all other signals are powered, finish raising the V
PP to its final level.
1
32
Product Marking
HV528
LLLLLL
YYWW
AAACCC
L = Lot Number
YY = Year Sealed
WW = Week Sealed
A = Assembler ID
C = Country of Origin
= “Green” Packaging
32-Lead QFN (K6)
32-Lead QFN (K6)
(top view)
(Bottom side exposed center pad is at V
PP potential)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com