Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8754 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 26Page - Texas Instruments LP8754 Datasheet HTML 27Page - Texas Instruments LP8754 Datasheet HTML 28Page - Texas Instruments LP8754 Datasheet HTML 29Page - Texas Instruments LP8754 Datasheet HTML 30Page - Texas Instruments LP8754 Datasheet HTML 31Page - Texas Instruments LP8754 Datasheet HTML 32Page - Texas Instruments LP8754 Datasheet HTML 33Page - Texas Instruments LP8754 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
Bits
Field
Type
Default
Description
2:0
RAMP_B0[2:0]
R/W
001
This set the output voltage change ramp as follows:
000 = 30 mV/µs
001 = 15 mV/µs
010 = 7.5 mV/µs
011 = 3.8 mV/µs
100 = 1.9 mV/µs
101 = 0.94 mV/µs
110 = 0.47 mV/µs
111 = 0.23 mV/µs
7.6.5 BUCK1_CTRL
Address: 0x08
D7
D6
D5
D4
D3
D2
D1
D0
OC_LEV_B1[1:0]
Reserved
Bits
Field
Type
Default
Description
7:6
OC_LEV_B1[1:0]
R/W
10
Inductor positive current limit on Buck 1. Note that OC_LEV_B0...B5 should have the
same value.
00 = 1.5 A
01 = 2.0 A
10 = 2.5 A
11 = 3.0 A
5:0
Reserved
R/W
01 0001
7.6.6 BUCK2_CTRL
Address: 0x09
D7
D6
D5
D4
D3
D2
D1
D0
OC_LEV_B2[1:0]
Reserved
Bits
Field
Type
Default
Description
7:6
OC_LEV_B2[1:0]
R/W
10
Inductor positive current limit on Buck 2. Note that OC_LEV_B0...B5 should have the
same value.
00 = 1.5 A
01 = 2.0 A
10 = 2.5 A
11 = 3.0 A
5:0
Reserved
R/W
01 0001
7.6.7 BUCK3_CTRL
Address: 0x0A
D7
D6
D5
D4
D3
D2
D1
D0
OC_LEV_B3[1:0]
Reserved
Bits
Field
Type
Default
Description
7:6
OC_LEV_B3[1:0]
R/W
10
Inductor positive current limit on Buck 3. Note that OC_LEV_B0...B5 should have the
same value.
00 = 1.5 A
01 = 2.0 A
10 = 2.5 A
11 = 3.0 A
5:0
Reserved
R/W
01 0001
30
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com