Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8754 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 34Page - Texas Instruments LP8754 Datasheet HTML 35Page - Texas Instruments LP8754 Datasheet HTML 36Page - Texas Instruments LP8754 Datasheet HTML 37Page - Texas Instruments LP8754 Datasheet HTML 38Page - Texas Instruments LP8754 Datasheet HTML 39Page - Texas Instruments LP8754 Datasheet HTML 40Page - Texas Instruments LP8754 Datasheet HTML 41Page - Texas Instruments LP8754 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
Typical Application (continued)
8.2.1 Design Requirements
Table 6 shows requirements for 6-phase configuration.
Table 6. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.5 V to 5 V
Output voltage
1.1 V
Converter operation mode
Forced PWM
Maximum load current
10 A
Inductor current limit
2.5 A
8.2.2 Detailed Design Procedure
The performance of the LP8754 device depends greatly on the care taken in designing the Printed Circuit Board
(PCB). The use of low inductance and low serial resistance ceramic capacitors is strongly recommended, while
proper grounding is crucial. Attention should be given to decoupling the power supplies. Decoupling capacitors
must be connected close to the IC and between the power and ground pins to support high peak currents being
drawn from System Power Rail during turn-on of the switching MOSFETs. Keep input and output traces as short
as possible, because trace inductance, resistance and capacitance can easily become the performance limiting
items. The separate power pins VINBXX are not connected together internally. The VINBXX power connections
shall be connected together outside the package using power plane construction.
8.2.2.1 Inductor Selection
The DC bias current characteristics of inductors must be considered. Different manufacturers follow different
saturation current rating specifications, so attention must be given to details. (Please request DC bias curves
from the manufacturer as part of the inductor selection process.) Minimum effective value of inductance to
ensure good performance is 0.25 µH at 2.5 A (Default ILIMITP typ.) bias current over the inductor's operating
temperature range. The inductor’s DC resistance should be less than 0.05
Ω for good efficiency at high-current
condition. The inductor AC loss (resistance) also affects conversion efficiency. Higher Q factor at switching
frequency usually gives better efficiency at light load to middle load. Table 7 below lists suggested inductors and
suppliers. Shielded inductors radiate less noise and are preferable.
Table 7. Suggested Inductors
ITEM
MODEL
VENDOR
DIMENSIONS LxWxH (mm) D.C.R (m
Ω) MAX
L0 to L5; Step-down
LQM21PNR47MGH
Murata
2.0 x 1.2 x 1.0
40 (typ)
converter inductor 0.47
DFE252012 R47
TOKO
2.5 x 2 x 1.2
39
µH
DFE201612C R47N
TOKO
2.0 x 1.6 x 1.2
50
8.2.2.2 Input Capacitor Selection
A ceramic input capacitor of 10 µF, 10 V is sufficient for most applications. Place the input capacitor as close as
possible to the VINBXX pin and GND pin of the device. A larger value or higher voltage rating may be used to
improve input voltage filtering. Use X7R or X5R types, do not use Y5V. DC bias characteristics of ceramic
capacitors must be considered when selecting case sizes like 0402. Minimum effective input capacitance to
ensure good performance is 2.5 µF at maximum input voltage DC bias including tolerances and over ambient
temp range, assuming that there is at least 22 µF of additional capacitance common for all the power input pins
on the system power rail.
The input filter capacitor supplies current to the PFET (high-side) switch in the first half of each cycle and
reduces voltage ripple imposed on the input power source. A ceramic capacitor's low ESR provides the best
noise filtering of the input voltage spikes due to this rapidly changing current. Select an input filter capacitor with
sufficient ripple current rating.
For additional noise immunity, adding a high-frequency decoupling capacitor of 100 nF to 1 µF between VDDA5V
pin and GND is recommended.
38
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com