Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8754 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 6Page - Texas Instruments LP8754 Datasheet HTML 7Page - Texas Instruments LP8754 Datasheet HTML 8Page - Texas Instruments LP8754 Datasheet HTML 9Page - Texas Instruments LP8754 Datasheet HTML 10Page - Texas Instruments LP8754 Datasheet HTML 11Page - Texas Instruments LP8754 Datasheet HTML 12Page - Texas Instruments LP8754 Datasheet HTML 13Page - Texas Instruments LP8754 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
6-Phase Buck System Characteristics (continued)
Limits apply over the full ambient temperature range -40°C
≤ TA ≤ 85°C, VVDDA5V = VVINBXX = 3.7 V, VVIOSYS = VNRST = 1.8 V,
VOUT = 1.1 V, (unless otherwise noted).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input capacitance on each input
Effective capacitance during operation, 2.5 V
≤
CIN
2.5
10
µF
voltage rail (5) (4)
VVINBXX ≤ 5 V, Min value over TA –40°C to 85°C
L
Output inductance
Effective inductance during operation
0.25
0.47
1
µH
IBALANCE
Current balancing accuracy
IOUT ≥ 1000 mA
< 10%
COUT ESR = 10 mΩ
VRIPPLE_P Output voltage ripple PWM mode,
PWM mode, IOUT = 200 mA
7
mVPP
WM
One phase active(6)
Switching frequency = 3 MHz
COUT ESR = 10 mΩ
VRIPPLE_P Output voltage ripple PFM
PFM mode
8
mVPP
FM
mode(6)
IOUT = 100 µA
COUT ESR = 10 mΩ
VRIPPLE_L Output Voltage Ripple Low-Power
Low-power PFM mode
8
mVPP
P
PFM mode(6)
IOUT = 100 µA
(5)
In addition to these capacitors, at least one higher value capacitor (for example 22 µF) should be placed close to the power pins. Note
that cores B0-B1 and B3-B4 do have combined power input pins.
(6)
Ripple voltage should be measured at COUT electrode on a well-designed PCB, using suggested inductors and capacitors and with a
high-quality scope probe.
6.8 Protection Features Characteristics
Limits apply over the full ambient temperature range -40°C
≤ TA ≤ 85°C, VVDDA5V = VVINBXX = 3.7 V, VVIOSYS = VNRST = 1.8 V,
VOUT = 1.1 V, (unless otherwise noted).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE MONITORING
Power good threshold for voltage
VPG
Power good threshold voltage
90%
decreasing, % of setting, VOUT = 1.1 V
Input overvoltage protection trigger
VIN rising. Voltage monitored on VDDA5V
VOVP
5.15
5.30
5.45
point (1)(2)
pin
V
Input undervoltage lockout (UVLO)
VIN falling. Voltage monitored on VDDA5V
VUVLO
2.15
2.25
2.35
turn-on threshold (1)
pin
Detected by sensing the voltage on
VSCP
Output short-circuit fault threshold
400
mV
converter output with respect to GND.
Triggered by converter start-up, specified by
tMASKSCP
SCP masking time
400
µs
design
Triggered by converter start-up, specified by
400
µs
design
Triggered by VSET transition, specified by
design
Slew Rate setting mV/µs
30
50
15
100
tMASKPG
Power Good masking time
7.5
200
3.8
400
µs
1.9
800
0.94
1600
0.47
3200
0.23
6400
(1)
Undervoltage lock-out (UVLO) and overvoltage protection (OVP) circuits shut down the LP8754 when the system input voltage is
outside the desired operating range.
(2)
Limits for OVP trigger points apply when VVIOSYS is high. False OVP alarm may occur, if the input voltage rises close to 5 V while
VVIOSYS is low.
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com