Electronic Components Datasheet Search
  English  ▼

X  

TLK2201 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLK2201
Description  ETHERNET TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2201 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLK2201 Datasheet HTML 3Page - Texas Instruments TLK2201 Datasheet HTML 4Page - Texas Instruments TLK2201 Datasheet HTML 5Page - Texas Instruments TLK2201 Datasheet HTML 6Page - Texas Instruments TLK2201 Datasheet HTML 7Page - Texas Instruments TLK2201 Datasheet HTML 8Page - Texas Instruments TLK2201 Datasheet HTML 9Page - Texas Instruments TLK2201 Datasheet HTML 10Page - Texas Instruments TLK2201 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
K28.5
DXX.X
td(S)
td(H)
td(S)
td(H)
K28.5
DXX.X
DXX.X
DXX.X
DXX.X
DXX.X
K28.5
K28.5
DXX.X
Bits 0-4 Bits 5-9
RBC0
SYNC
RD(0-4)
Receiver Word Alignment
Comma Character on Expected Boundary
Comma Character Not on Expected Boundary
TLK2201
TLK2201I
ETHERNET TRANSCEIVERS
SLLS420F – JUNE 2000 – REVISED SEPTEMBER 2007
Figure 4. Synchronous Timing Characteristics Waveforms (DDR mode)
The receiver clock interpolator can lock to the incoming data without the need for a lock-to-reference preset. The
received serial data rate (RXP and RXN) is at the same baud rate as the transmitted data stream, ±0.02% (200
PPM) for proper operation.
These devices use the IEEE 802.3 Gigabit Ethernet defined 10-bit K28.5 character (comma character) word
alignment scheme. The following sections explain how this scheme works and how it realigns itself.
These devices provide 10-bit K28.5 character recognition and word alignment. The 10-bit word alignment is
enabled by forcing the SYNCEN terminal high. This enables the function that examines and compares serial
input data to the seven bit synchronization pattern. The K28.5 character is defined by the 8-bit/10-bit coding
scheme as a pattern consisting of 0011111010 (a negative number beginning with disparity) with the 7 MSBs
(0011111), referred to as the comma character. The K28.5 character was implemented specifically for aligning
data words. As long as the K28.5 character falls within the expected 10-bit boundary, the received 10-bit data is
properly aligned and data realignment is not required. Figure 2 shows the timing characteristics of RBC0, RBC1,
SYNC and RD0-RD9 while synchronized. (Note: the K28.5 character is valid on the rising edge of RBC1).
If synchronization is enabled and a K28.5 character straddles the expected 10-bit word boundary, then word
realignment is necessary. Realignment or shifting the 10-bit word boundary truncates the character following the
misaligned K28.5, but the following K28.5 and all subsequent data is aligned properly as shown in Figure 5. The
RBC0 and RBC1 pulse widths are stretched or stalled in their current state during realignment. With this design
the maximum stretch that occurs is 20 bit times. This occurs during a worst case scenario when the K28.5 is
aligned to the falling edge of RBC1 instead of the rising edge. Figure 5 shows the timing characteristics of the
data realignment.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLK2201 TLK2201I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com