Electronic Components Datasheet Search
  English  ▼

X  

TLK2201 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLK2201
Description  ETHERNET TRANSCEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2201 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLK2201 Datasheet HTML 8Page - Texas Instruments TLK2201 Datasheet HTML 9Page - Texas Instruments TLK2201 Datasheet HTML 10Page - Texas Instruments TLK2201 Datasheet HTML 11Page - Texas Instruments TLK2201 Datasheet HTML 12Page - Texas Instruments TLK2201 Datasheet HTML 13Page - Texas Instruments TLK2201 Datasheet HTML 14Page - Texas Instruments TLK2201 Datasheet HTML 15Page - Texas Instruments TLK2201 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.ti.com
TTL ELECTRICAL CHARACTERISTICS
TRANSMITTER/RECEIVER CHARACTERISTICS
80%
50%
20%
tr
tr
tf
tf
80%
50%
20%
∼ V
∼ V
∼ V
∼ V
80%
20%
0V
∼ 1V
∼ -1V
TX+
TX-
VOD
TLK2201
TLK2201I
ETHERNET TRANSCEIVERS
SLLS420F – JUNE 2000 – REVISED SEPTEMBER 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = -400 μA
VDD -0.2
2.3
V
VOL
Low-level output voltage
IOL = 1 mA
GND
0.25
0.5
V
VIH
High-level input voltage
1.7
3.6
V
VIL
Low-level input voltage
0.8
V
IIH
Input high current
VDD = 2.3 V, VIN = 2.0 V
40
μA
IIL
Input low current
VDD = 2.3 V, VIN = 0.4 V
-40
μA
CIN
4
pf
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rt = 50
Ω
600
850
1100
Vod = |TxD-TxN|
mV
Rt = 75
Ω
800
1050
1200
Rt = 50
Ω
1000
1250
1400
V(cm)
Transmit common mode voltage range
mV
Rt = 75
Ω
1000
1250
1400
Receiver Input voltage requirement, Vid = |RxP -
200
1600
mV
RxN|
Receiver common mode voltage range, (RxP +
1000
1250
2250
mV
RxN)/2
Ilkg(R)
Receiver input leakage current
350
350
μA
CI
Receiver input capacitance
2
pF
Differential output jitter,
t(TJ)
Serial data total jitter (peak-to-peak)
Random + deterministic,
0.24
UI
PRBS pattern, Rω = 125 MHz
Differential output jitter, PRBS
t(DJ)
Serial data deterministic jitter (peak-to-peak)
0.12
UI
pattern, Rω = 125 MHz
RL = 50 Ω, CL = 5 pF, See
tr, tf
Differential signal rise, fall time (20% to 80%)
100
250
ps
Figure 9 and Figure 10
Differential input jitter,
Serial data jitter tolerance minimum required eye
Random + deterministic, Rω =
0.25
UI
opening, (per IEEE-802.3 specification)
125 MHz
Receiver data acquisition lock time from powerup
500
μs
Data relock time from loss of synchronization
1024
Bit times
TBI modes
See Figure 1
19
20
td(Tx latency)
Tx latency
UI
DDR mode
29
30
TBI modes
See Figure 6
21
31
td(Rx latency)
Rx latency
UI
DDR mode
27
34
Figure 7. Differential and Common-Mode Output Voltage Definitions
12
Submit Documentation Feedback
Copyright © 2000–2007, Texas Instruments Incorporated
Product Folder Link(s): TLK2201 TLK2201I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com