Electronic Components Datasheet Search
  English  ▼

X  

TLV2544CPWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2544CPWR
Description  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2544CPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV2544CPWR Datasheet HTML 15Page - Texas Instruments TLV2544CPWR Datasheet HTML 16Page - Texas Instruments TLV2544CPWR Datasheet HTML 17Page - Texas Instruments TLV2544CPWR Datasheet HTML 18Page - Texas Instruments TLV2544CPWR Datasheet HTML 19Page - Texas Instruments TLV2544CPWR Datasheet HTML 20Page - Texas Instruments TLV2544CPWR Datasheet HTML 21Page - Texas Instruments TLV2544CPWR Datasheet HTML 22Page - Texas Instruments TLV2544CPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
reference block equivalent circuit
INTERNAL
REF
Close = Int Ref Used
Open = Ext Ref Used
REFM (See Note A)
Sample
Convert
~50 pF
CDAC
External to the Device
10
µF
Internal
Reference
Compensation
Cap
0.1
µF
Decoupling
Cap
REFP
NOTES: A. If internal reference is used, tie REFM to analog ground and install a 10
µF (or 4.7 µF) internal reference compensation capacitor
between REFP and REFM to store the charge as shown in the figure above.
B. If external reference is used, the 10
µF (internal reference compensation) capacitor is optional. REFM can be connected to external
REFM or AGND.
C. Internal reference voltage drift, due to temperature variations, is approximately
±10 mV about the nominal 2 V (typically) from −10°C
to 100
°C. The nominal value also varies approximately ±50 mV across devices.
D. Internal reference leakage during low ON time: Leakage resistance is on the order of 100 M
Ω or more. This means the time constant
is about 1000 s with 10
µF compensation capacitance. Since the REF voltage does not vary much, the reference comes up quickly
after resuming from auto power down. At power up and power down the internal reference sees a glitch of about 500
µV when 2 V
internal reference is used (1 mV when 4 V internal reference is used). This glitch settles out after about 50
µs.
power down
The device has three power-down modes.
autopower-down mode
The device enters the autopower-down state at the end of a conversion.
In autopower-down, the power consumption reduces to about 1 mA when an internal reference is selected. The
built-in reference is still on to allow the device to resume quickly. The resumption is fast enough (within 0.5
SCLK) for use between cycles. An active CS, FS, or CSTART resumes the device from power-down state. The
power current is 1
µA when an external reference is programmed and SCLK stops.
hardware/software power-down mode
Writing 8000h to the device puts the device into a software power down state, and the entire chip (including the
built-in reference) is powered down. For a hardware power-down, the dedicated PWDN pin provides another
way to power down the device asynchronously. These two power-down modes power down the entire device
including the built-in reference to save power. The power down current is reduced to about 1
µA is the SCLK
is stopped.
An active CS, FS, or CSTART restores the device. There is no time delay when an external reference is selected.
However, if an internal reference is used, it takes about 20 ms to warm up. Deselect PWDN pin to remove the
device from the hardware power-down state. This requires about 20 ms to warm up if an internal reference is
also selected.
The configuration register is not affected by any of the power down modes but the sweep operation sequence
has to be started over again. All FIFO contents are cleared by the power-down modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com