Electronic Components Datasheet Search
  English  ▼

X  

TLV2544CPWR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2544CPWR
Description  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2544CPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLV2544CPWR Datasheet HTML 26Page - Texas Instruments TLV2544CPWR Datasheet HTML 27Page - Texas Instruments TLV2544CPWR Datasheet HTML 28Page - Texas Instruments TLV2544CPWR Datasheet HTML 29Page - Texas Instruments TLV2544CPWR Datasheet HTML 30Page - Texas Instruments TLV2544CPWR Datasheet HTML 31Page - Texas Instruments TLV2544CPWR Datasheet HTML 32Page - Texas Instruments TLV2544CPWR Datasheet HTML 33Page - Texas Instruments TLV2544CPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
−1.0
−0.5
0.0
0.5
1.0
0
4097
Samples
INTEGRAL NONLINEARITY
vs
SAMPLES
VCC = 2.7 V, Internal Reference = 2 V, Internal Oscillator,
Single Shot, Short Sample, Mode 00
µP Mode
Figure 28
−1.0
−0.5
0.0
0.5
1.0
0
4097
Samples
DIFFERENTIAL NONLINEARITY
vs
SAMPLES
VCC = 2.7 V, Internal Reference = 2 V, Internal Oscillator,
Single Shot, Short Sample, Mode 00
µP Mode
Figure 29
−1.0
−0.5
0.0
0.5
1.0
0
4097
Samples
INTEGRAL NONLINEARITY
vs
SAMPLES
VCC = 5 V, Internal Reference = 2 V, Internal Oscillator,
Single Shot, Short Sample, Mode 00
µP Mode
Figure 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com