Electronic Components Datasheet Search
  English  ▼

X  

TLV2544CPWR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2544CPWR
Description  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2544CPWR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV2544CPWR Datasheet HTML 16Page - Texas Instruments TLV2544CPWR Datasheet HTML 17Page - Texas Instruments TLV2544CPWR Datasheet HTML 18Page - Texas Instruments TLV2544CPWR Datasheet HTML 19Page - Texas Instruments TLV2544CPWR Datasheet HTML 20Page - Texas Instruments TLV2544CPWR Datasheet HTML 21Page - Texas Instruments TLV2544CPWR Datasheet HTML 22Page - Texas Instruments TLV2544CPWR Datasheet HTML 23Page - Texas Instruments TLV2544CPWR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, GND to VCC
−0.3 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range
−0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage
VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
−0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLV2544/48C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLV2544/48I
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
‡
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
TA ≤ 25 C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C‡
TA = 70 C
POWER RATING
TA = 85 C
POWER RATING
TA = 125 C
POWER RATING
D
1110 mW
8.9 mW/
°C
710 mW
577 mW
222 mW
DW
1294 mW
10.4 mW/
°C
828 mW
673 mW
259 mW
16 PW
839 mW
6.7 mW/
°C
537 mW
437 mW
—
20 PW
977 mW
7.8 mW/
°C
625 mW
508 mW
—
‡ This is the inverse of the traditional junction-to-ambient thermal resistance (RΘJA). Thermal resistance is not production tested and the values
given are for informational purposes only.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
2.7
3.3
5.5
V
Analog input voltage (see Note 4)
0
VCC
V
High level control input voltage, VIH
2.1
V
Low-level control input voltage, VIL
0.6
V
Delay time, delay from CS falling edge to FS rising edge, td(CSL-FSH)
(See Figure 16)
0.5
SCLKs
Delay time, delay time from 16th SCLK falling edge to CS rising edge (FS = 1), or
17th rising edge (FS is active) td(SCLK-CSH) (See Figures 16, and 19)
0.5
SCLKs
Setup time, FS rising edge before SCLK falling edge, tsu(FSH-SCLKL
(See Figure 16)
20
ns
Hold time, FS hold high after SCLK falling edge, th(FSH-SCLKL) (See Figure 16)
30
ns
Pulse width, CS high time, twH(CS) (See Figures 16 and 19)
100
ns
Pulse width, FS high time, twH(FS) (See Figure 16)
0.75
1
SCLKs
SCLK cycle time, tc(SCLK)
VCC = 2.7 V to 3.6 V
75
10000
ns
SCLK cycle time, tc(SCLK)
(See Figures 16, and 19)
VCC = 4.5 V to 5.5V
50
10000
ns
NOTE 4: When binary output format is used, analog input voltages greater than that applied to REFP convert as all ones (111111111111), while
input voltages less than that applied to REFM convert as all zeros (000000000000). The device is functional with reference down to
1 V. (VREFP − VREFM − 1); however, the electrical specifications are no longer applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com