Electronic Components Datasheet Search
  English  ▼

X  

TLV2544CPWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2544CPWR
Description  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2544CPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2544CPWR Datasheet HTML 5Page - Texas Instruments TLV2544CPWR Datasheet HTML 6Page - Texas Instruments TLV2544CPWR Datasheet HTML 7Page - Texas Instruments TLV2544CPWR Datasheet HTML 8Page - Texas Instruments TLV2544CPWR Datasheet HTML 9Page - Texas Instruments TLV2544CPWR Datasheet HTML 10Page - Texas Instruments TLV2544CPWR Datasheet HTML 11Page - Texas Instruments TLV2544CPWR Datasheet HTML 12Page - Texas Instruments TLV2544CPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2544/TLV2548 conversion modes
The TLV2544 and TLV2548 have four different conversion modes (mode 00, 01, 10, 11). The operation of each
mode is slightly different, depending on how the converter performs the sampling and which host interface is
used. The trigger for a conversion can be an active CSTART (extended sampling), CS (normal sampling, SPI
interface), or FS (normal sampling, TMS320 DSP interface). When FS is used as the trigger, CS can be held
active, i.e. CS does not need to be toggled through the trigger sequence. SDI can be one of the channel select
commands, such as SELECT CHANNEL 0. Different types of triggers should not be mixed throughout the repeat
and sweep operations. When CSTART is used as the trigger, the conversion starts on the rising edge of
CSTART. The minimum low time for CSTART is equal to t(SAMPLE). If an active CS or FS is used as the trigger,
the conversion is started after the 16th or 28th SCLK edge. Enough time (for conversion) should be allowed
between consecutive triggers so that no conversion is terminated prematurely.
one shot mode (mode 00)
One shot mode (mode 00) does not use the FIFO, and the EOC is generated as the conversion is in progress
(or INT is generated after the conversion is done).
repeat mode (mode 01)
Repeat mode (mode 01) uses the FIFO. This mode setup requires configuration cycle and channel select cycle.
Once the programmed FIFO threshold is reached, the FIFO must be read, or the data is lost when the sequence
starts over again with the SELECT cycle and series of triggers. No configuration is required except for
reselecting the channel unless the operation mode is changed. This allows the host to set up the converter and
continue monitoring a fixed input and come back to get a set of samples when preferred.
Triggered by CSTART: The first conversion can be started with a select cycle or CSTART. To do so, the user
can issue CSTART during the select cycle, immediately after the four-bit channel select command. The first
sample started as soon as the select cycle is finished (i.e., CS returns to 1). If there is enough time (2
µs) left
between the SELECT cycle and the following CSTART, a conversion is carried out. In this case, you need one
less trigger to fill the FIFO. Succeeding samples are triggered by CSTART.
sweep mode (mode 10)
Sweep mode (mode 10) also uses the FIFO. Once it is programmed in this mode, all of the channels listed in
the selected sweep sequence are visited in sequence. The results are converted and stored in the FIFO. This
sweep sequence may not be completed if the FIFO threshold is reached before the list is completed. This allows
the system designer to change the sweep sequence length. Once the FIFO has reached its programmed
threshold, an interrupt (INT) is generated. The host must issue a read FIFO command to read and clear the FIFO
before the next sweep can start.
repeat sweep mode (mode 11)
Repeat sweep mode (mode 11) works the same way as mode 10 except the operation has an option to continue
even if the FIFO threshold is reached. Once the FIFO has reached its programmed threshold, an interrupt (INT)
is generated. Then two things may happen:
1.
The host may choose to act on it (read the FIFO) or ignore it. If the next cycle is a read FIFO cycle, all of
the data stored in the FIFO is retained until it has been read in order.
2.
If the next cycle is not a read FIFO cycle, or another CSTART is generated, all of the content stored in the
FIFO is cleared before the next conversion result is stored in the FIFO, and the sweep is continued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com