Electronic Components Datasheet Search
  English  ▼

X  

UCC28811D Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811D
Description  LED LIGHTING POWER CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28811D Datasheet(HTML) 23 Page - Texas Instruments

Back Button UCC28811D Datasheet HTML 19Page - Texas Instruments UCC28811D Datasheet HTML 20Page - Texas Instruments UCC28811D Datasheet HTML 21Page - Texas Instruments UCC28811D Datasheet HTML 22Page - Texas Instruments UCC28811D Datasheet HTML 23Page - Texas Instruments UCC28811D Datasheet HTML 24Page - Texas Instruments UCC28811D Datasheet HTML 25Page - Texas Instruments UCC28811D Datasheet HTML 26Page - Texas Instruments UCC28811D Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
VSENSE
EAOUT
VINS
ISENSE
TZE
GND
GDRV
VDD
VAC Input
(
)
OUT
IN min
1.7 V
R21
P
2
2 1.2
V
@
´ ´
´
h ´
(2)
(
)
(
)
(
)
(
)
(
)
(
)
2
OUT min
IN min
IN min
S
OUT
OUT min
V
2
V
V
L2
2 f
V
P
-
´
´ h ´
@
´
´
´
(3)
UCC28810
UCC28811
www.ti.com.............................................................................................................................................................................................. SLUS865 – OCTOBER 2008
Figure 25. Boost Follower Circuit
The voltage error amplifier compensation network is R10, C4 and C7 connected from EAOUT to GND. The goal
is to provide a loop crossover frequency at 1/10 input line frequency (10 Hz) with 45° phase margin.
The current sense resistor (R21) is determined by the following equation which is based on peak inductor current
at low line, 1.7 V ISENSE threshold, and 20% margin.
The boost inductor value can be determined based on the desired minimum operating frequency which occurs at
the peak of low line input voltage.
.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com