Electronic Components Datasheet Search
  English  ▼

X  

UCC28811D Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811D
Description  LED LIGHTING POWER CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28811D Datasheet(HTML) 12 Page - Texas Instruments

Back Button UCC28811D Datasheet HTML 8Page - Texas Instruments UCC28811D Datasheet HTML 9Page - Texas Instruments UCC28811D Datasheet HTML 10Page - Texas Instruments UCC28811D Datasheet HTML 11Page - Texas Instruments UCC28811D Datasheet HTML 12Page - Texas Instruments UCC28811D Datasheet HTML 13Page - Texas Instruments UCC28811D Datasheet HTML 14Page - Texas Instruments UCC28811D Datasheet HTML 15Page - Texas Instruments UCC28811D Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
7
0
4
3
2
6
1
5
2
0
10
-10
-8
-2
8
6
-6
-4
4
V
TZE – Transformer Zero Energy Detector Voltage – V
125
-50
50
25
0
100
-25
75
400
300
600
0
100
200
500
T
J – Junction Temperature – °C
4.5
5.0
3.5
1.5
2.5
2.0
3.0
4.0
5.5
C
EAOUT = 10 nF
V
VSENSE
V
EAOUT
t – Time – 25 ms/div
UCC28810
UCC28811
SLUS865 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
Unless otherwise noted, VVDD=12 V, –40°C ≤ TA = TJ ≤ 105°C
TZE DETECTOR CURRENT
RESTART TIME
vs
vs
TZE DETECTOR VOLTAGE
JUNCTION TEMPERATURE
Figure 13.
Figure 14.
Figure 15. Voltage Amplifier Outputs
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com