Electronic Components Datasheet Search
  English  ▼

X  

UCC28811D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811D
Description  LED LIGHTING POWER CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28811D Datasheet(HTML) 5 Page - Texas Instruments

  UCC28811D Datasheet HTML 1Page - Texas Instruments UCC28811D Datasheet HTML 2Page - Texas Instruments UCC28811D Datasheet HTML 3Page - Texas Instruments UCC28811D Datasheet HTML 4Page - Texas Instruments UCC28811D Datasheet HTML 5Page - Texas Instruments UCC28811D Datasheet HTML 6Page - Texas Instruments UCC28811D Datasheet HTML 7Page - Texas Instruments UCC28811D Datasheet HTML 8Page - Texas Instruments UCC28811D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
UCC28810
UCC28811
www.ti.com.............................................................................................................................................................................................. SLUS865 – OCTOBER 2008
ELECTRICAL CHARACTERISTICS (continued)
–40°C
≤ TA = TJ ≤ 105°C, VVDD = 12 VDC, CGDRV = 0.1-µF from VDD to GND, all voltages are with respect to GND.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ZERO POWER
VEAOUT
Zero power comparator threshold(1)
2.1
2.3
2.5
V
TRANSFORMER ZERO ENERGY DETECT
Input threshold (rising edge)(1)
1.00
1.25
1.80
V
Hysteresis(1)
250
350
450
mV
Input high clamp
ITZE = 3 mA
5
6
V
Input low clamp
ITZE = –3 mA
0.30
0.65
0.90
V
tRSRT
Restart time delay
200
400
µs
CURRENT SENSE COMPARATOR
IBIAS
Input bias current
VISENSE = 0 V
0.1
1.0
µA
Input offset voltage(1)
–10
10
mV
tDLY
Delay to output
ISENSE to GDRV
300
400
ns
Maximum current sense threshold voltage
1.55
1.70
1.80
V
PFC GATE DRIVER
RPULLUP
GDRV pull up resistance
IGDRV = –125 mA
5
12
Ω
RPULLDN
GDRV pull down resistance
IGDRV = 125 mA
2
10
Ω
tRISE
GDRV output rise time
CGDRV = 1 nF, RGRDV = 10 Ω
25
75
ns
tFALL
GDRV output fall time
CGDRV = 1 nF, RGRDV = 10 Ω
10
50
ns
(1)
Ensured by design. Not production tested.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com