Electronic Components Datasheet Search
  English  ▼

X  

UCC28811D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811D
Description  LED LIGHTING POWER CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28811D Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC28811D Datasheet HTML 5Page - Texas Instruments UCC28811D Datasheet HTML 6Page - Texas Instruments UCC28811D Datasheet HTML 7Page - Texas Instruments UCC28811D Datasheet HTML 8Page - Texas Instruments UCC28811D Datasheet HTML 9Page - Texas Instruments UCC28811D Datasheet HTML 10Page - Texas Instruments UCC28811D Datasheet HTML 11Page - Texas Instruments UCC28811D Datasheet HTML 12Page - Texas Instruments UCC28811D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
TYPICAL CHARACTERISTICS
700
0
400
300
200
600
100
500
5
4
8
0
1
3
7
800
2
6
I
GDRV,SOURCE – Source Current – mA
2.5
1.5
0
0.5
1.0
2.0
700
0
400
300
200
600
100
500
800
I
GDRV, SINK – Sink Current – mA
2.5
3.0
3.5
2.0
4.0
0
0.5
1.0
1.5
20
0
12
8
4
16
V
VDD – Supply Voltage – V
UCC28811
UCC28810
4
5
3
6
0
1
2
125
-50
50
25
0
100
-25
75
No Switching
75 kHz, No Load
75 kHz,
C
GDRV = 1 nF
T
J – Junction Temperature – °C
UCC28810
UCC28811
www.ti.com.............................................................................................................................................................................................. SLUS865 – OCTOBER 2008
Unless otherwise noted, VVDD=12 V, –40°C ≤ TA = TJ ≤ 105°C
GDRV SATURATION VOLTAGE
GDRV SATURATION VOLTAGE
vs
vs
GDRV SOURCE CURRENT
GDRV SINK CURRENT
Figure 1.
Figure 2.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
SUPPLY VOLTAGE
JUNCTION TEMPERATURE
Figure 3.
Figure 4.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com