Electronic Components Datasheet Search
  English  ▼

X  

UCC28811DR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811DR
Description  LED LIGHTING POWER CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28811DR Datasheet(HTML) 22 Page - Texas Instruments

Back Button UCC28811DR Datasheet HTML 18Page - Texas Instruments UCC28811DR Datasheet HTML 19Page - Texas Instruments UCC28811DR Datasheet HTML 20Page - Texas Instruments UCC28811DR Datasheet HTML 21Page - Texas Instruments UCC28811DR Datasheet HTML 22Page - Texas Instruments UCC28811DR Datasheet HTML 23Page - Texas Instruments UCC28811DR Datasheet HTML 24Page - Texas Instruments UCC28811DR Datasheet HTML 25Page - Texas Instruments UCC28811DR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
REFERENCE DESIGN 2
PFC Stage
R4
BE
R15
V
V
R7
I
-
=
(1)
UCC28810
UCC28811
SLUS865 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
The PR788, shown in Figure 26 is a 100-W offline AC-to-DC LED current driver with power factor correction.
This design is a two stage converter design with a universal input boost follower PFC stage providing a 240-V to
400-V DC output and a low-side buck stage providing the current source to power the LEDs. This converter was
designed to support up to 30 high-brightness LEDs in series with up to 900-mA average current. The design
incorporates an interface for microprocessor control to allow for shutdown into a low power mode (< 0.5 W) and
PWM dimming of the LEDs.
The PFC stage is a critical conduction mode boost converter with a boost follower feature implemented. The
boost follower is set to provide a DC output of 240 VDC to 400 VDC. The lower DC output at low input voltage
results in improved efficiency at low-line conditions. The minimum regulation point was set at 240 V to allow the
design to be scaled to power up to 50 LEDs in series.
The critical conduction mode (CRM) of operation offers advantages regarding losses over continuous conduction
mode. In CRM operation, since the inductor current reaches zero just before the beginning of the next cycle, the
boost diode reverse recovery loss is eliminated. Switching losses in the MOSFET are reduced as well by
programming a small delay after the inductor current reaches 0 A until the turn on of the MOSFET on the next
cycle. The voltage across the boost inductor begins discontinuous mode self oscillation which reduces the
MOSFET drain voltage at turn on, this delay is optimized to occur at the valley of the first self oscillation cycle.
In the PFC boost implementation, the controller programs the peak inductor current to twice the value of the
desired average line current. The current reference generator uses the VINS input and the EAOUT input to
program the peak current of the boost inductor. The VINS input is a divided sample of the rectified AC input
voltage which is determined by R9 and the sum of (R2 + R5), as shown in Figure 26.
The C6 capacitor is used for high frequency bypass and should not affect the line frequency signal on VINS. The
minimum boost output voltage is determined by the feedback divider consisting of R11 and (R13 + R15)
connected to the VSENSE pin. The boost follower circuit is hown in Figure 25.The boost follower function is
accomplished by Q1 sinking current through the high side of the feedback divider (R13 + R15). The AC input
rectified voltage is filtered and divided by R1, R3, R4, and C3. Ideally the filter minimizes the line frequency ripple
and generates a DC sample of the RMS input voltage. The ratio of R4 and (R1 + R3) determines the line voltage
which Q1 begins increasing the output by sinking current thru R13 and R15. R7 is determined by
1. determining the current through R13 and R15 that provides the desired increase in the boost output
2. determine the voltage across R4 at high line
.
22
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com