Electronic Components Datasheet Search
  English  ▼

X  

UCC28811DR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811DR
Description  LED LIGHTING POWER CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28811DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28811DR Datasheet HTML 4Page - Texas Instruments UCC28811DR Datasheet HTML 5Page - Texas Instruments UCC28811DR Datasheet HTML 6Page - Texas Instruments UCC28811DR Datasheet HTML 7Page - Texas Instruments UCC28811DR Datasheet HTML 8Page - Texas Instruments UCC28811DR Datasheet HTML 9Page - Texas Instruments UCC28811DR Datasheet HTML 10Page - Texas Instruments UCC28811DR Datasheet HTML 11Page - Texas Instruments UCC28811DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Transformer Zero Energy Sense and Restart Timer Circuits
Enable Circuit
Zero Energy Detect Circuit
Current Reference Generator Circuit
Overvoltage Protection (OVP) Circuit
UCC28810
UCC28811
SLUS865 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
When all of the energy stored in the transformer has been delivered to the load, the voltage across the primary
winding falls to zero. This voltage can be sensed by monitoring the bias winding of the transformer. The internal
active clamp circuitry prevents the voltage from going to a negative or a high positive value. The clamp has the
capability to sink and source 10 mA. The resistor value in series with the bias winding should be chosen to limit
the pin current to less than 10 mA under all operating conditions. The rising edge threshold of the TZE sense
comparator can be as high as 2.0 V. If the bias winding is not used to power the controller then it should be
chosen such that the positive voltage (when the power MOSFET is off) at the TZE pin is greater than 2.0 V,
limited to less than 10 mA.
The restart timer attempts to set the gate drive high when the gate drive remains off for more than 400
µs
nominally. The minimum time period of the timer is 200
µs. This translates to a minimum switching frequency of 5
kHz. The primary inductance value is chosen for switching frequencies greater than 5 kHz.
The gate drive signal is held low if the voltage at the VSENSE pin is less than the ENABLE threshold. This
feature can be used to disable the converter by pulling VSENSE low. If the output feedback path is broken,
VSENSE is pulled to ground and the output is disabled to protect the power stage.
When the output of the gM amplifier goes below 2.3 V, the zero power comparator latches the gate drive signal
low. The slew rate enhancement circuitry of the gM amplifier that is activated during overvoltage conditions slews
the EAOUT pin to approximately 2.4 V. This ensures that the zero power comparator is not activated during
transient behavior (when the slew rate enhancement circuitry is activated).
The current reference generator has two inputs. One is the error amplifier output voltage (VEAOUT), while the
other is instantaneous input voltage sense (VVINS) which is obtained by a resistive divider from the rectified line.
The current reference generator creates a current sense threshold signal that is approximately equal to 0.67 ×
VVINS × (VEAOUT–2.5 V). There is a positive offset of 75 mV added to the VINS signal in order to improve the
zero-crossing distortion and hence the THD performance of the controller in the application. The dynamic range
of the inputs can be found in the electrical characteristics table.
The OVP feature in this device is not activated under most operating conditions because of the presence of the
slew rate enhancement circuitry present in the error amplifier. As soon as the output voltage reaches 5% to 7%
above the nominal value, as detected by VSENSE, the slew rate enhancement circuit is activated, and the error
amplifier output voltage is pulled below the dynamic range of the current reference generator. This prevents
further rise in the output voltage.
If the EAOUT pin is not pulled low fast enough, and the output voltage rises further, the OVP circuit acts as a
second line of protection. When the voltage at the VSENSE pin is more than 7.5% of the nominal value
[ >(VREF+0.190)], the OVP feature is activated. It stops the gate drive from switching as long as the voltage at the
VSENSE pin is above the nominal value (VREF). This prevents the output dc voltage from going above 7.5% of
the regulated value, and protects the other components of the system.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com