Electronic Components Datasheet Search
  English  ▼

X  

UCC28811DR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811DR
Description  LED LIGHTING POWER CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28811DR Datasheet(HTML) 15 Page - Texas Instruments

Back Button UCC28811DR Datasheet HTML 11Page - Texas Instruments UCC28811DR Datasheet HTML 12Page - Texas Instruments UCC28811DR Datasheet HTML 13Page - Texas Instruments UCC28811DR Datasheet HTML 14Page - Texas Instruments UCC28811DR Datasheet HTML 15Page - Texas Instruments UCC28811DR Datasheet HTML 16Page - Texas Instruments UCC28811DR Datasheet HTML 17Page - Texas Instruments UCC28811DR Datasheet HTML 18Page - Texas Instruments UCC28811DR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
THEORY OF OPERATION
+
UCC28810
UCC28811
www.ti.com.............................................................................................................................................................................................. SLUS865 – OCTOBER 2008
Transition Mode Operation
When the primary MOSFET switch is turned on, the drain current ramps from zero to a peak value determined by
the current reference generator output, which is the combination of the EAOUT pin voltage and the AC line
voltage waveform applied to the VINS pin. The EAOUT pin sets the power level to be transferred to the
secondary over the half sinewave cycle, and the current reference generator forces the peak switch current to
track the input line voltage to improve the power factor.
When the main switch is turned off, the peak current in the flyback inductor is transferred to the secondary side
and flows through the output diode to the output capacitors. This current drops to zero at the rate determined by
the output winding inductance and the output capacitor voltage. When the output current reaches zero, the diode
stops conducting, and all of the output windings and the drain of the MOSFET ring down towards ground. This
ringing is detected on the primary side by the TZE pin of the UCC28810 as it rings below approximately 1.4 V on
the bias winding. This triggers the next switch-on pulse to start very near the valley of the ringing waveform on
the drain of the FET, which lowers the switching losses due to COSS and reduces EMI generated by the turn on
of the FET
Input Filter Damping Network
Offline flyback converters typically need common mode and differential mode input EMI filters to meet EMI
specifications. When a triac dimmer is used with a typical L-C EMI filter, the sharp turn on edge that is generated
by the triac phase control causes the LC filter to ring back and set up an oscillation between the triac and the L-C
filter. For this reason, the differential part of the filter is damped with a R-L network across the inductor. This can
also be accomplished with an R-C damping network across the capacitor. L3 and R5 are the damping
components in the schematic shown in Figure 17.
Figure 17. Input Filter Damping Network
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com